Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1644 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1644
Description  High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1644 Datasheet(HTML) 4 Page - Texas Instruments

  OPA1644 Datasheet HTML 1Page - Texas Instruments OPA1644 Datasheet HTML 2Page - Texas Instruments OPA1644 Datasheet HTML 3Page - Texas Instruments OPA1644 Datasheet HTML 4Page - Texas Instruments OPA1644 Datasheet HTML 5Page - Texas Instruments OPA1644 Datasheet HTML 6Page - Texas Instruments OPA1644 Datasheet HTML 7Page - Texas Instruments OPA1644 Datasheet HTML 8Page - Texas Instruments OPA1644 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
1
2
3
4
8
7
6
5
NC
(1)
V+
Out
NC
(1)
NC
(1)
-In
+In
V-
(1)NCdenotesnointernalconnection.
OutA
-
InA
+InA
V+
+InB
-
InB
OutB
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
A
B
C
OutD
-
InD
+InD
V
-
+InC
-
InC
OutC
1
2
3
4
8
7
6
5
V+
OutB
-
InB
+InB
OUTA
-
InA
+InA
V
-
A
B
OPA1641
OPA1642
OPA1644
SBOS484 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +4.5V to +36; ±2.25V to ±18V (continued)
At TA = +25°C, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OPA1641, OPA1642, OPA1644(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output Swing from Rail
VO
RL = 10kΩ, AOL ≥ 120dB
(V–)+0.2
(V+)–0.2
V
RL = 2kΩ, AOL ≥ 114dB
(V–)+0.35
(V+)–0.35
V
Output Current
IOUT
See Typical Characteristics
Open-Loop Output Impedance
ZO
See Typical Characteristics
Short-Circuit Current
ISC
Source
+36
mA
ISC
Sink
–30
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
POWER SUPPLY
Specified Voltage
VS
±2.25
±18
V
Quiescent Current
IQ
IOUT = 0A
1.8
2.3
mA
(per amplifier)
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Thermal Resistance
θJA
SO-8
138
°C/W
MSOP-8
180
°C/W
SO-14
97
°C/W
TSSOP-14
135
°C/W
PIN ASSIGNMENTS
OPA1641
OPA1644
SO-8, MSOP-8
SO-14, TSSOP-14
(TOP VIEW)
(TOP VIEW)
OPA1642
SO-8, MSOP-8
(TOP VIEW)
Note:
Product-preview device.
4
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): OPA1641 OPA1642 OPA1644


Similar Part No. - OPA1644

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1644 TI-OPA1644 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1644 TI-OPA1644 Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1644AID TI-OPA1644AID Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1644AID TI-OPA1644AID Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1644AIDR TI-OPA1644AIDR Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1644

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC34080 ONSEMI-MC34080 Datasheet
282Kb / 16P
   HIGH PERFORMANCE JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Texas Instruments
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
OPA1641_101 TI-OPA1641_101 Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com