Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA870IRHDT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PGA870IRHDT
Description  High-Speed, Fully Differential, Programmable-Gain Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA870IRHDT Datasheet(HTML) 7 Page - Texas Instruments

Back Button PGA870IRHDT Datasheet HTML 3Page - Texas Instruments PGA870IRHDT Datasheet HTML 4Page - Texas Instruments PGA870IRHDT Datasheet HTML 5Page - Texas Instruments PGA870IRHDT Datasheet HTML 6Page - Texas Instruments PGA870IRHDT Datasheet HTML 7Page - Texas Instruments PGA870IRHDT Datasheet HTML 8Page - Texas Instruments PGA870IRHDT Datasheet HTML 9Page - Texas Instruments PGA870IRHDT Datasheet HTML 10Page - Texas Instruments PGA870IRHDT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
-12-10 -8 -6 -4 -2
0
2
4
6
8 10 12 14 16 18 20
GainSetting
25
20
15
10
5
0
5
10
15
-
-
-
50MHz
100MHz
200MHz
-12-10 -8 -6 -4 -2 0
2
4
6
8 10 12 14 16 18 20
GainSetting
0.15
0.10
0.05
0
0.05
15
0.
-
-
-
-
0.10
0.
20
-40 C
°
+25 C
°
+85 C
°
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
-
-
0
100
200
300
400
500
Time(ns)
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
GainControl
GainCode=111111
GainCode=000000
Amplifier
Output
-12-10 -8 -6 -4 -2
0
2
4
6
8 10 12 14 16 18 20
GainSetting
0.04
0.02
0
0.02
0.04
0.06
0.08
-
-
-
-
50MHz
100MHz
200MHz
2.5
2.0
1.5
1.0
0.5
0
1.0
0.5
0
0.5
1.0
-
-
Time(50ns/div)
GainCode=
111111
GainCode=
000000
GainStrobe
2.5
2.0
1.5
1.0
0.5
0
1.0
0.5
0
0.5
1.0
-
-
Time(50ns/div)
GainCode=111111
GainCode=
000000
Gain
Strobe
PGA870
www.ti.com
SBOS436 – DECEMBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA= +25°C, VS+= +5 V, differential input signal, differential VOUT = 2 VPP, RL = 200 Ω differential, G = +20 dB, and input and
output common-mode at internal midsupply reference, unless otherwise noted.
STEP-TO-STEP GAIN ERROR vs GAIN SETTING
LARGE-SIGNAL GAIN vs GAIN SETTING
OVER TEMPERATURE
Figure 7.
Figure 8.
STEP-TO-STEP GAIN ERROR vs GAIN SETTING
OVER FREQUENCY
GAIN STEP RESPONSE: NO LATCH
Figure 9.
Figure 10.
GAIN STEP RESPONSE: LEVEL-TRIGGERED GAIN LATCH
GAIN STEP RESPONSE: EDGE-TRIGGERED LATCH
Figure 11.
Figure 12.
Copyright © 2009, Texas Instruments Incorporated
7
Product Folder Link(s): PGA870


Similar Part No. - PGA870IRHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA870IRHDT TI-PGA870IRHDT Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870IRHDT NSC-PGA870IRHDT Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
More results

Similar Description - PGA870IRHDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Texas Instruments
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
THS7530-Q1 TI1-THS7530-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   THS7530-Q1 High-Speed, Fully Differential, Continuously Variable Gain Amplifier
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
   High Speed PROGRAMMABLE GAIN AMPLIFIER
logo
Cirrus Logic
CS3302 CIRRUS-CS3302_07 Datasheet
324Kb / 16P
   High-Z, Programmable Gain, Differential Amplifier
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
   High-Z, Programmable Gain, Differential Amplifier
CS3302 CIRRUS-CS3302 Datasheet
268Kb / 15P
   HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
logo
Burr-Brown (TI)
PGA206 BURR-BROWN-PGA206 Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com