Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA93B-Y-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LA93B-Y-PF
Description  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA93B-Y-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA93B-Y-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA93B-Y-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA93B-Y-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA93B-Y-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA93B-Y-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA93B-Y-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2.54TYP
5.0
±0.5
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LY3130-PF
25.0MIN
1.0MIN
2.54TYP
+
-
0.5
TYP
4.75
7.65
1.5MAX
-
+
ψ5.0
6.0
Package Dimensions
A93B/Y-PF
PART NO. L
1/5
Page
6.0
9.1
3.2
±0.5
1.3
0.5
TYP
3.8
±0.5
1.3
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LA93B-Y-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA93B-Y-2-PF LIGITEK-LA93B-Y-2-PF Datasheet
106Kb / 6P
   LED ARRAY
LA93B-Y-6-PF LIGITEK-LA93B-Y-6-PF Datasheet
106Kb / 6P
   LED ARRAY
LA93B-Y-S24-PF LIGITEK-LA93B-Y-S24-PF Datasheet
110Kb / 6P
   LED ARRAY
More results

Similar Description - LA93B-Y-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com