Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC58FVB641XB-10 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC58FVB641XB-10
Description  64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB641XB-10 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC58FVB641XB-10 Datasheet HTML 1Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 2Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 3Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2001-09-06
4/53
MODE SELECTION
BYTE MODE WORD MODE
MODE
CE
OE
WE
A9
A6
A1
A0
RESET
/ACC
WP
DQ0~DQ7
(1)
DQ0~DQ15
Read
L
L
H
A9
A6
A1
A0
H
*
DOUT
DOUT
ID Read (Manufacturer Code)
L
L
H
VID
L
L
L
H
*
Code
Code
ID Read (Device Code)
L
L
H
VID
L
L
H
H
*
Code
Code
Standby
H
*
*
*
*
*
*
H
*
High-Z
High-Z
Output Disable
*
H
H
*
*
*
*
*
*
High-Z
High-Z
Write
L
H
(2)
A9
A6
A1
A0
H
*
DIN
DIN
Block Protect 1
L
VID
(2)
VID
L
H
L
H
*
*
*
Verify Block Protect
L
L
H
VID
L
H
L
H
*
Code
Code
Temporary Block Unprotect
*
*
*
*
*
*
*
VID
*
*
*
Hardware Reset / Standby
*
*
*
*
*
*
*
L
*
High-Z
High-Z
Boot Block Protect
*
*
*
*
*
*
*
*
L
*
*
Notes: *
= VIH or VIL, L = VIL, H = VIH
(1) DQ8~DQ14 are High-Z and DQ15/A-1 is Address Input in Byte Mode.
Addresses are A21~A0 in Word Mode ( BYTE
= VIH), A21~A-1 in Byte Mode ( BYTE = VIL).
(2) Pulse input
ID CODE TABLE
CODE TYPE
A21~A12
A6
A1
A0
CODE (HEX)
(1)
Manufacturer Code
*
L
L
L
0098H
TC58FVT641
*
L
L
H
0093H
Device Code
TC58FVB641
*
L
L
H
0095H
Verify Block Protect
BA
(2)
L
H
L
Data
(3)
Notes: *
= VIH or VIL, L = VIL, H = VIH
(1) DQ8~DQ14 are High-Z and DQ15/A-1 is Address Input in Byte Mode.
(2) BA: Block Address
(3) 0001H - Protected Block
0000H - Unprotected Block


Similar Part No. - TC58FVB641XB-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVB641XB-10 TOSHIBA-TC58FVB641XB-10 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC58FVB641XB-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
logo
Winbond
W19B320ATB WINBOND-W19B320ATB Datasheet
491Kb / 53P
   4M 횞 8/2M 횞 16 BITS 3V FLEXIBLE BANK FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
logo
Elpida Memory
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
logo
Winbond
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
   4M 횞 4 BANKS 횞 16 BITS SDRAM
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
   64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
logo
Sharp Corporation
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com