Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RWP03040-1H Datasheet(PDF) 5 Page - RFHIC

Part # RWP03040-1H
Description  Wideband Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWP03040-1H Datasheet(HTML) 5 Page - RFHIC

  RWP03040-1H Datasheet HTML 1Page - RFHIC RWP03040-1H Datasheet HTML 2Page - RFHIC RWP03040-1H Datasheet HTML 3Page - RFHIC RWP03040-1H Datasheet HTML 4Page - RFHIC RWP03040-1H Datasheet HTML 5Page - RFHIC RWP03040-1H Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
W
Wiid
deeb
baan
nd
d P
Poow
weerr A
Am
mp
plliiffiieerr R
RW
WP
P0033004400--1100
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.0
Package Dimensions (Type: DP-75)
(Unit : mm/[inch], Tolerance : ±0.2/[.008])
How to connect the amplifier to a target PCB
Method-І (with Pin)
Method-ΙІ (without Pin) - If you cut out the pin
Pin Description
Pin No
Port Name
Function
1
RF IN
RF Input
2
Vcc(+28V)
DC Supply
3
Shut Down(+5V)
Shut Down @ TTL High, Enable @ TTL Low
4
Switch ON/OFF
Disable @ TTL High (Switch Status : Off)
5
Temp Monitor
0.65V @ 25℃, Scale : 10mV/℃ (Accuracy : ±3℃)
6
RF OUT
RF Output
* Terminal Pin Information : ASK206091,AA (Acethink, Pin) , ASK20556,AA-1(Acethink, Pin Socket)
* Recommended Screw Torque : 8.0kgf.cm±1 using SEMS M3 10mm Bolt


Similar Part No. - RWP03040-1H

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP03040-1H RFHIC-RWP03040-1H Datasheet
595Kb / 6P
   Wideband Power Amplifier
RWP03040-1H RFHIC-RWP03040-1H Datasheet
1Mb / 6P
   Wideband Power Amplifier
More results

Similar Description - RWP03040-1H

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03060-10 RFHIC-RWP03060-10_17 Datasheet
854Kb / 5P
   Wideband Power Amplifier
RWP05020-10 RFHIC-RWP05020-10_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10_17 Datasheet
863Kb / 5P
   Wideband Power Amplifier
RWP06040-G1 RFHIC-RWP06040-G1 Datasheet
363Kb / 5P
   Wideband Power Amplifier
RFW2500H10-28 RFHIC-RFW2500H10-28 Datasheet
227Kb / 3P
   Wideband Power Amplifier
RWP05040-10 RFHIC-RWP05040-10 Datasheet
444Kb / 6P
   Wideband Power Amplifier
RWP15100-R0 RFHIC-RWP15100-R0 Datasheet
1Mb / 9P
   Wideband Power Amplifier
logo
Analog Devices
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
573Kb / 18P
   Wideband Power Amplifier
logo
RFHIC
RUM43020-10 RFHIC-RUM43020-10 Datasheet
208Kb / 7P
   Wideband Power Amplifier
RWP03040-10 RFHIC-RWP03040-10_14 Datasheet
757Kb / 6P
   Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com