Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC58FVB641 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC58FVB641
Description  64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB641 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC58FVB641 Datasheet HTML 3Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2001-09-06
7/53
ID Read Mode
ID Read Mode is used to read the device maker code and device code. The mode is useful in that it allows
EPROM programmers to identify the device type automatically.
ID read can be executed in two ways, as follows:
(1) Applying VID to A9
This method is used mainly by EPROM programmers. Applying VID to A9 sets the device to ID Read
Mode, outputting the maker code from address 00H and the device code from address 01H. Releasing VID
from A9 returns the device to Read Mode. With this method all banks are set to ID Read Mode; thus,
simultaneous operation cannot be performed.
(2) Input command sequence
With this method simultaneous operation can be performed. Inputting an ID Read command sets the
specified bank to ID Read Mode. Banks are specified by inputting the bank address (BK) in the third Bus
Write cycle of the Command cycle. To read an ID code, the bank address as well as the ID read address must
be specified. The maker code is output from address BK + 00; the device code is output from address BK +
01. From other banks data are output from the memory cells. Inputting a Reset command releases ID Read
Mode and returns the device to Read Mode.
Access time in ID Read Mode is the same as that in Read Mode. For a list of the codes, please refer to the
ID Code Table.
Standby Mode
There are two ways to put the device into Standby Mode.
(1) Control using CE and RESET
With the device in Read Mode, input VDD ± 0.3 V to CE and RESET . The device will enter Standby
Mode and the current will be reduced to the standby current (IDDS1). However, if the device is in the
process of performing simultaneous operation, the device will not enter Standby Mode but will instead
cause the operating current to flow.
(2) Control using RESET only
With the device in Read Mode, input VSS ± 0.3 V to RESET . The device will enter Standby Mode and the
current will be reduced to the standby current (IDDS1). Even if the device is in the process of performing
simultaneous operation, this method will terminate the current operation and set the device to Standby
Mode. This is a hardware reset and is described later.
In Standby Mode DQ is put in High-Impedance state.
Auto-Sleep Mode
This function suppresses power dissipation during reading. If the address input does not change for 150 ns,
the device will automatically enter Sleep Mode and the current will be reduced to the standby current (IDDS2).
However, if the device is in the process of performing simultaneous operation, the device will not enter Standby
Mode but will instead cause the operating current to flow. Because the output data is latched, data is output in
Sleep Mode. When the address is changed, Sleep Mode is automatically released, and data from the new
address is output.
Output Disable Mode
Inputting VIH to OE disables output from the device and sets DQ to High-Impedance.


Similar Part No. - TC58FVB641

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVB641FT-10 TOSHIBA-TC58FVB641FT-10 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641FT-70 TOSHIBA-TC58FVB641FT-70 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641XB-10 TOSHIBA-TC58FVB641XB-10 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641XB-70 TOSHIBA-TC58FVB641XB-70 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC58FVB641

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
logo
Winbond
W19B320ATB WINBOND-W19B320ATB Datasheet
491Kb / 53P
   4M 횞 8/2M 횞 16 BITS 3V FLEXIBLE BANK FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
logo
Elpida Memory
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
logo
Winbond
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
   4M 횞 4 BANKS 횞 16 BITS SDRAM
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
   64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
logo
Sharp Corporation
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com