Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP3G34 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP3G34
Description  LOW-POWER TRIPLE BUFFER GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP3G34 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP3G34 Datasheet HTML 2Page - Texas Instruments SN74AUP3G34 Datasheet HTML 3Page - Texas Instruments SN74AUP3G34 Datasheet HTML 4Page - Texas Instruments SN74AUP3G34 Datasheet HTML 5Page - Texas Instruments SN74AUP3G34 Datasheet HTML 6Page - Texas Instruments SN74AUP3G34 Datasheet HTML 7Page - Texas Instruments SN74AUP3G34 Datasheet HTML 8Page - Texas Instruments SN74AUP3G34 Datasheet HTML 9Page - Texas Instruments SN74AUP3G34 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN74AUP3G34
SCES766A – DECEMBER 2009 – REVISED DECEMBER 2009
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
21
1.2 V ± 0.1 V
1.5
8.5
14.7
1
17.2
1.5 V ± 0.1 V
1
6.2
10
0.5
11.3
tpd
A or B
Y
ns
1.8 V ± 0.15 V
1
5
7.7
0.5
9
2.5 V ± 0.2 V
1
3.6
5.2
0.5
6.1
3.3 V ± 0.3 V
1
2.9
4.2
0.5
4.7
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
24
1.2 V ± 0.1 V
3.6
9.9
16.3
3.1
19.9
1.5 V ± 0.1 V
2.3
7.2
11.1
1.8
13.2
tpd
A or B
Y
ns
1.8 V ± 0.15 V
1.6
5.8
8.7
1.1
10.6
2.5 V ± 0.2 V
1
4.3
5.9
0.5
7.3
3.3 V ± 0.3 V
1
3.4
4.8
0.5
5.9
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
32.8
1.2 V ± 0.1 V
4.9
13.1
20.9
4.4
25.5
1.5 V ± 0.1 V
3.4
9.5
14.2
2.9
16.9
tpd
A or B
Y
ns
1.8 V ± 0.15 V
2.5
7.7
11
2
13.5
2.5 V ± 0.2 V
1.8
5.7
7.6
1.3
9.4
3.3 V ± 0.3 V
1.5
4.7
6.2
1
7.5
OPERATING CHARACTERISTICS
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
4
1.2 V ± 0.1 V
4
1.5 V ± 0.1 V
4
Cpd
Power dissipation capacitance
f = 10 MHz
pF
1.8 V ± 0.15 V
4
2.5 V ± 0.2 V
4.1
3.3 V ± 0.3 V
4.3
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP3G34


Similar Part No. - SN74AUP3G34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP3G34 TI1-SN74AUP3G34 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP3G34DCUR TI1-SN74AUP3G34DCUR Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP3G34DCURG4 TI1-SN74AUP3G34DCURG4 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP3G34DQER TI1-SN74AUP3G34DQER Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP3G34RSER TI1-SN74AUP3G34RSER Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
More results

Similar Description - SN74AUP3G34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
   Triple buffer gate
Rev. 05-7 May 2009
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
[Old version datasheet]   Triple Buffer Gate
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com