Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5614DKD Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5614DKD
Description  150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5614DKD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5614DKD Datasheet HTML 4Page - Texas Instruments TAS5614DKD Datasheet HTML 5Page - Texas Instruments TAS5614DKD Datasheet HTML 6Page - Texas Instruments TAS5614DKD Datasheet HTML 7Page - Texas Instruments TAS5614DKD Datasheet HTML 8Page - Texas Instruments TAS5614DKD Datasheet HTML 9Page - Texas Instruments TAS5614DKD Datasheet HTML 10Page - Texas Instruments TAS5614DKD Datasheet HTML 11Page - Texas Instruments TAS5614DKD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TAS5614
SLAS680 – DECEMBER 2009
www.ti.com
AUDIO CHARACTERISTICS (BTL)
Audio performance is recorded as a chipset consisting of a TAS5518 PWM Processor (modulation index limited to 97.7%)
and a TAS5614 power stage. PCB and system configurations are in accordance with recommended guidelines. Audio
frequency = 1kHz, PVDD_X = 36V, GVDD_X = 12V, RL = 4Ω, fS = 384 kHz, ROC = 30kΩ, TC = 75°C,
Output Filter: LDEM = 7μH, CDEM = 680nF, MODE = 000, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
RL = 3Ω, 10% THD+N (ROC = 22kΩ, add Schottky
200
diodes from OUT_X to GND_X.)
RL = 4Ω, 10% THD+N
150
PO
Power output per channel
W
RL = 3Ω, 1% THD+N (ROC = 22kΩ, add Schottky
160
diodes from OUT_X to GND_X.)
RL = 4Ω, 1% THD+N
125
THD+N
Total harmonic distortion + noise
1 W
0.03%
Vn
Output integrated noise
A-weighted, TAS5518 Modulator
125
μV
|VOS|
Output offset voltage
No signal
20
40
mV
SNR
Signal-to-noise ratio(1)
A-weighted, TAS5518 Modulator
103
dB
A-weighted, input level –60 dBFS using TAS5518
DNR
Dynamic range
103
dB
modulator
Power dissipation due to Idle losses
Pidle
PO = 0, 4 channels switching
(2)
2.6
W
(IPVDD_X)
(1)
SNR is calculated relative to 1% THD-N output level.
(2)
Actual system idle losses also are affected by core losses of output inductors.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5614


Similar Part No. - TAS5614DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614ADKD TI-TAS5614ADKD Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614ADKD TI1-TAS5614ADKD Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614APHD TI-TAS5614APHD Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results

Similar Description - TAS5614DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615 TI-TAS5615_10 Datasheet
1Mb / 34P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com