Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VA103 Datasheet(PDF) 1 Page - RFHIC

Part # VA103
Description  Variable attenuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

VA103 Datasheet(HTML) 1 Page - RFHIC

  VA103 Datasheet HTML 1Page - RFHIC VA103 Datasheet HTML 2Page - RFHIC VA103 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V
Va
ar
riia
ab
blle
e a
atttte
en
nu
ua
atto
or
r
V
VA
A1
10
03
3
▪ Tel: 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
Product Features
Application
• Pin diode based
• Voltage variable
• High Linearity
• SMD Type
• Repeater
• RF Sub-Systems
• Base Station
ELECTRICAL CHARACTERISTICS
Absolute Minimum and Maximum Ratings
PARAMETER
UNIT
MIN
MAX
Reference Voltage
VDC
+3V
RF Input Power
dBm
30
Storage Temperature
-40
+125
Operating Ranges
PARAMETER
UNIT
MIN
TYP
MAX
Operating Frequency
MHz
3000
-
4000
Reference Voltage
VDC
-
+3V
Control Voltage
VDC
+1.2V
+10V
Electrical Specifications
(Ta=+25℃, Vcc=+3V, F=3500MHz)
PARAMETER
UNIT
MIN(1.2V)
TYP(4.5V)
MAX(10V)
Attenuation
dB
17
3.3
2.2
Input Return Loss
dB
-12
-16
-17
Output Return Loss
dB
-19
-17
-16
IIP3
dBm
46
44
45
Input P1dB
dBm
30
Current
mA
0
10
28
Functional Diagram
Package Type: HY-1


Similar Part No. - VA103

ManufacturerPart #DatasheetDescription
logo
RFHIC
VA103 RFHIC-VA103 Datasheet
146Kb / 4P
   Variable Attenuator
VA103 RFHIC-VA103_14 Datasheet
146Kb / 4P
   Variable Attenuator
More results

Similar Description - VA103

ManufacturerPart #DatasheetDescription
logo
RFHIC
VA101 RFHIC-VA101 Datasheet
164Kb / 2P
   Variable Attenuator
VA101 RFHIC-VA101_14 Datasheet
133Kb / 4P
   Variable Attenuator
VA102 RFHIC-VA102 Datasheet
189Kb / 3P
   Variable attenuator
VA103 RFHIC-VA103_14 Datasheet
146Kb / 4P
   Variable Attenuator
VA102 RFHIC-VA102_14 Datasheet
152Kb / 5P
   Variable Attenuator
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
MVA-2000 MINI-MVA-2000 Datasheet
442Kb / 3P
   Voltage Variable Attenuator
SVA-2000 MINI-SVA-2000 Datasheet
421Kb / 2P
   Voltage Variable Attenuator
VACC-22 MINI-VACC-22 Datasheet
285Kb / 3P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com