Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2560DRC Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2560DRC
Description  DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2560DRC Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2560DRC Datasheet HTML 4Page - Texas Instruments TPS2560DRC Datasheet HTML 5Page - Texas Instruments TPS2560DRC Datasheet HTML 6Page - Texas Instruments TPS2560DRC Datasheet HTML 7Page - Texas Instruments TPS2560DRC Datasheet HTML 8Page - Texas Instruments TPS2560DRC Datasheet HTML 9Page - Texas Instruments TPS2560DRC Datasheet HTML 10Page - Texas Instruments TPS2560DRC Datasheet HTML 11Page - Texas Instruments TPS2560DRC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
700
-100
0
100
200
300
400
500
600
T -JunctionTemperature-°C
J
-50
0
50
100
150
V
=2.5V
IN
V
=6.5V
IN
2.29
T -JunctionTemperature-°C
J
-50
0
50
100
150
2.335
2.295
2.3
2.305
2.31
2.315
2.32
2.325
2.33
UVLORising
UVLOFalling
0
120
20
40
60
80
100
T -JunctionTemperature-°C
J
-50
0
50
100
150
R
=20k
ILIM
V
=6.5V
IN
V
=5V
IN
V
=3.3V
IN
V
=2.5V
IN
60
InputVoltage-V
2
3
4
5
6
120
70
80
90
100
110
T =25°C
J
7
T =125°C
J
T =-40°C
J
R
=20k
ILIM
0
0.1
0.2
0.3
0.4
0.5
0.6
0
50
100
150
200
V
-V
-mV/div
IN
OUT
T
=125°C
A
T
=25°C
A
T
=-40°C
A
R
=100k
ILIM
W
0
10
20
30
40
50
60
T -JunctionTemperature-°C
J
-50
0
50
100
150
70
TPS2560
TPS2561
SLVS930 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 10. UVLO – Undervoltage Lockout – V
Figure 11. IIN – Supply Current, Output Disabled – nA
Figure 12. IIN – Supply Current, Output Enabled – µA
Figure 13. IIN – Supply Current, Output Enabled – µA
Figure 14. MOSFET rDS(on) Vs. Junction Temperature
Figure 15. Switch Current Vs. Drain-Source Voltage Across
Switch
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2560 TPS2561


Similar Part No. - TPS2560DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560DRC TI-TPS2560DRC Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560DRCR TI-TPS2560DRCR Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560DRCR TI1-TPS2560DRCR Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560DRCT TI-TPS2560DRCT Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560DRCT TI1-TPS2560DRCT Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
More results

Similar Description - TPS2560DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com