Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22907YZTT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22907YZTT
Description  ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22907YZTT Datasheet(HTML) 5 Page - Texas Instruments

  TPS22907YZTT Datasheet HTML 1Page - Texas Instruments TPS22907YZTT Datasheet HTML 2Page - Texas Instruments TPS22907YZTT Datasheet HTML 3Page - Texas Instruments TPS22907YZTT Datasheet HTML 4Page - Texas Instruments TPS22907YZTT Datasheet HTML 5Page - Texas Instruments TPS22907YZTT Datasheet HTML 6Page - Texas Instruments TPS22907YZTT Datasheet HTML 7Page - Texas Instruments TPS22907YZTT Datasheet HTML 8Page - Texas Instruments TPS22907YZTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
0
0.01
0.02
0.03
0.04
0.05
0.06
-40
-15
10
35
60
85
TA - Tem perature - °C
VIN = 3.6 V
IOUT = 200 m A
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
1
1.5
2
2.5
3
3.5
4
VIN - Input Voltage - V
TA = 25°C
TA = -40°C
TA = 85°C
IOUT = -200 m A
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-40
-15
10
35
60
85
TA - Tem perature - °C
VIN = 3.6 V
IOUT = 0
VIN = VON
0.00
0.05
0.10
0.15
0.20
0.25
1
1.5
2
2.5
3
3.5
4
VIN - Input Voltage - V
VON = VIN
IOUT = 0
TPS22907
www.ti.com
SLVSA44 – NOVEMBER 2009
TYPICAL CHARACTERISTICS
ON-STATE RESISTANCE
ON-STATE RESISTANCE
vs
vs
INPUT VOLTAGE
TEMPERATURE
Figure 1.
Figure 2.
QUIESCENT CURRENT
QUIESCENT CURRENT
vs
vs
INPUT VOLTAGE
TEMPERATURE
Figure 3.
Figure 4.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS22907


Similar Part No. - TPS22907YZTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22907YZTT TI-TPS22907YZTT Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
More results

Similar Description - TPS22907YZTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com