Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62231 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS62231
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62231 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62231 Datasheet HTML 1Page - Texas Instruments TPS62231 Datasheet HTML 2Page - Texas Instruments TPS62231 Datasheet HTML 3Page - Texas Instruments TPS62231 Datasheet HTML 4Page - Texas Instruments TPS62231 Datasheet HTML 5Page - Texas Instruments TPS62231 Datasheet HTML 6Page - Texas Instruments TPS62231 Datasheet HTML 7Page - Texas Instruments TPS62231 Datasheet HTML 8Page - Texas Instruments TPS62231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS62230, TPS62231, TPS62232, TPS62233
TPS62234, TPS62235, TPS62236, TPS62237
TPS62238, TPS62239, TPS622310, TPS622311
SLVS941B – APRIL 2009 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, VOUT = 1.8V, EN = VIN, MODE = GND, TA = –40°C to 85°C
(1) typical values are at T
A = 25°C (unless otherwise
noted), CIN = 2.2μF, L = 2.2μH, COUT = 4.7μF, see parameter measurement information
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range (2)
2.05
6
V
IOUT = 0mA. PFM mode enabled (Mode = 0)
22
40
μA
device not switching
IOUT = 0mA. PFM mode enabled (Mode = 0)
25
μA
IQ
Operating quiescent current
device switching, VIN = 3.6V, VOUT = 1.2V
IOUT = 0 mA. Switching with no load
(MODE/DATA = VIN), PWM operation,
3
mA
VOUT = 1.8V, L = 2.2μH
ISD
Shutdown current
EN = GND(3)
0.1
1
μA
Falling
1.8
1.9
V
UVLO
Undervoltage lockout threshold
Rising
1.9
2.05
V
ENABLE, MODE THRESHOLD
VIH TH
Threshold for detecting high EN, MODE
2.05 V
≤ VIN ≤ 6V , rising edge
0.8
1
V
VIL TH HYS
Threshold for detecting low EN, MODE
2.05 V
≤ VIN ≤ 6V , falling edge
0.4
0.6
V
IIN
Input bias Current, EN, MODE
EN, MODE = GND or VIN = 3.6V
0.01
0.5
μA
POWER SWITCH
High side MOSFET on-resistance
600
850
RDS(ON)
VIN = 3.6V, TJmax = 85°C; RDS(ON) max value
m
Low Side MOSFET on-resistance
350
480
Forward current limit MOSFET
690
850
1050
mA
high-side
ILIMF
VIN = 3.6V, open loop
Forward current limit MOSFET low side
550
840
1220
mA
TSD
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
CONTROLLER
tONmin
Minimum ON time
VIN 3.6V, VOUT = 1.8V, Mode = high, IOUT = 0 mA
135
ns
tOFFmin
Minimum OFF time
40
ns
OUTPUT
VREF
Internal Reference Voltage
0.70
V
VIN = 3.6V, Mode = GND, device operating in PFM
0%
Mode, IOUT = 0mA
Output voltage accuracy(4)
VIN = 3.6V, MODE = VIN,
TA = 25°C
–2.0%
2.0%
VOUT
IOUT = 0 mA
TA = –40°C to 85°C
–2.5%
2.5%
DC output voltage load regulation
PWM operation, Mode = VIN = 3.6V, VOUT = 1.8 V
0.001
%/mA
DC output voltage line regulation
IOUT = 0 mA, Mode = VIN, 2.05V ≤ VIN ≤ 6V
0
%/V
Time from active EN to VOUT = 1.8V, VIN = 3.6V,
tStart
Start-up Time
100
μs
10
Ω load
ILK_SW
Leakage current into SW pin
VIN = VOUT = VSW = 3.6 V, EN = GND
(5)
0.1
0.5
μA
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA(max) = TJ(max) – (θJA × PD(max)).
(2)
The minimum required supply voltage for startup is 2.05V. The part is functional down to the falling UVL (Under Voltage Lockout)
threshold
(3)
Shutdown current into VIN pin, includes internal leakage
(4)
VIN = VO + 1.0 V
(5)
The internal resistor divider network is disconnected from FB pin.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311


Similar Part No. - TPS62231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62231 TI-TPS62231 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231 TI-TPS62231 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231 TI-TPS62231 Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS62231 TI-TPS62231 Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS62231 TI1-TPS62231 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results

Similar Description - TPS62231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com