Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62617 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62617
Description  350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62617 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62617 Datasheet HTML 2Page - Texas Instruments TPS62617 Datasheet HTML 3Page - Texas Instruments TPS62617 Datasheet HTML 4Page - Texas Instruments TPS62617 Datasheet HTML 5Page - Texas Instruments TPS62617 Datasheet HTML 6Page - Texas Instruments TPS62617 Datasheet HTML 7Page - Texas Instruments TPS62617 Datasheet HTML 8Page - Texas Instruments TPS62617 Datasheet HTML 9Page - Texas Instruments TPS62617 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
-LoadCurrent-mA
O
V
=1.2V
O
V =2.7V
PFM/PWMOperation
I
V =3.6V
PFM/PWMOperation
I
V =4.2V
PFM/PWMOperation
I
V =3.6V
ForcedPWMOperation
I
0.1
1
10
100
1000
I
-LoadCurrent-mA
O
10
20
30
40
50
60
70
80
90
100
V
=1.8V
O
V =2.7V
PFM/PWMOperation
I
V =3.6V
PFM/PWMOperation
I
V =4.2V
PFM/PWMOperation
I
V =3.6V
ForcedPWMOperation
I
TPS62619, TPS62612
TPS62615, TPS62616
SLVS936 – NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Load current
3, 4, 5
η
Efficiency
vs Input voltage
6
Peak-to-peak output ripple voltage
vs Load current
7, 8
Combined line/load transient
9, 10
response
11, 12, 13, 14,
Load transient response
15, 16, 17
AC load transient response
18
VO
DC output voltage
vs Load current
19, 20
PFM/PWM boundaries
vs Input voltage
21
IQ
Quiescent current
vs Input voltage
22
PWM switching frequency
vs Input voltage
23
fs
PFM switching frequency
vs Load current
24
P-channel MOSFET rDS(on)
vs Input voltage
25
rDS(on)
N-channel MOSFET rDS(on)
vs Input voltage
26
PWM operation
27
Power-save mode operation
28
Mode change response
29, 30
Start-up
31
PSRR
Power supply rejection ratio
vs. Frequency
32
Spurious output noise (PFM mode)
vs. Frequency
33
Spurious output noise (PWM mode)
vs. Frequency
34
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS62619 TPS62612 TPS62615 TPS62616


Similar Part No. - TPS62617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62617 TI-TPS62617 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62617YFD TI-TPS62617YFD Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62617YFD TI-TPS62617YFD Datasheet
915Kb / 29P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results

Similar Description - TPS62617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619_10 Datasheet
915Kb / 29P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62671 TI1-TPS62671_16 Datasheet
1Mb / 35P
[Old version datasheet]   500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com