Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS658621A Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS658621A
Description  Advanced Power Management Unit
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS658621A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS658621A Datasheet HTML 2Page - Texas Instruments TPS658621A Datasheet HTML 3Page - Texas Instruments TPS658621A Datasheet HTML 4Page - Texas Instruments TPS658621A Datasheet HTML 5Page - Texas Instruments TPS658621A Datasheet HTML 6Page - Texas Instruments TPS658621A Datasheet HTML 7Page - Texas Instruments TPS658621A Datasheet HTML 8Page - Texas Instruments TPS658621A Datasheet HTML 9Page - Texas Instruments TPS658621A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 105 page
background image
TPS658621A
SLVSA58 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT BUFFERS: RESUME, SM0EN, SM1EN, HOTRST, LDO4EN, SYNCEN
VIL(DIG)
Low level input voltage
0.4
V
VIH(DIG)
High level input voltage
1.15
V
ILKG(DIG)
Input current
V(pin)=5V
0.1
μA
RESUME pin , pull-down to AGND
55
100
150
RDIG
Internal resistor
k
HOTRST pin, pull-up to V2V2
55
100
150
PUSH-PULL OUTPUT BUFFERS, USER SELECTABLE OUTPUT VOLTAGE – NORTC, NOPOWER
VBFRPWR
Buffer positive supply
Internally connected to V32K pin
1.1 to 3.3
V
IOL = 3 mA, V32K = 1.5 V
0.6
VOL(OBFR)
Low level output voltage
V
IOL = 10 μA, V32K > 1.1 V
0.1
IOH = 1.4 mA, V32K = 1.5 V
V32K-0.6
High level output voltage, referenced to output
VOH(OBFR)
V
buffer supply, NORTC
IOH = -10 μA, V32K = 1.1 V
V32K-0.11
IOH = 1.4 mA, V32K = 1.5 V
V32K-0.6
High level output voltage, referenced to output
VOH(OBFR)
V
buffer supply,NOPOWER
IOH = -10 μA, V32K = 1.1 V
V32K-0.11
IOL(OBFR)
Maximum low level sink current load
(1)
V(pin) = 2.5 V
5
mA
IOH(OBFR)
Maximum high level source current load
(1)
V(pin) = 0 V
–5
mA
OPEN DRAIN OUTPUT BUFFERS – INT
IOL = 3 mA, V32K = 1.5 V
0.6
VOL(OBFR)
Low level output voltage
V
IOL = 10 μA, V32K > 1.1 V
0.1
ILKG(OBFR)
Output leakage current
Output buffer, open-drain mode, V(pin)=5.5V
0.1
μA
PUSH-PULL OUTPUT BUFFERS – LDO4PG, SM0PG, SM1PG, CHGSTAT
IOL = 3 mA
0.6
VOL(DBFR)
Low level output voltage
V
IOL = 10 μA
0.1
IOH = 3 mA
1.5
High level output voltage , buffer configured as
VOH(DBFR)
V
push-pull via I
2C
IOH = –10 μA
1.8
IOL(DBFR)
Maximum low level sink current load
(1)
V(pin) = 2.5 V
5
mA
IOH(DBFR)
Maximum high level source current load
(1)
V(pin) = 0 V
–5
mA
32kHz OUTPUT BUFFER , V(32K)=1.7V (min), UNLESS OTHERWISE STATED
V32B
Externally applied bias rail for output driver
(1)
Buffer supply voltage
1.0
3.6
V
V(32K) = 1.1 V, IOL = 100 μA
0.05
VOL
Output low level
V(32K) = 1.1 V, IOL = 1 mA
0.2
V
V(32K) = 1.5 V, IOL = 5 mA
0.5
V(32K) = 1.1 V, IOH = -1 μA
V32K-0.05
VOH
Normal operation
V
V(32K) = 1.5 V, IOH = 5 mA
V32K-0.5
TF, TR
Rise/fall time
32 kHz clock driving 50pF load cap
15
ns
Peak to peak
15
VJITTER
Output jitter
ns
RMS
15
32kHz CLOCK AND 32K SWITCHING TIMING
Frequency within 2% of typical value, frequency defined by XTAL
TXTAL
XTAL oscillator stabilization time
(1)
2
s
characteristics
F32K
Internal 32 kHz clock
Frequency
28
32
36
kHz
INTERNAL REFERENCES AND POR
VUVLO
Internal UVLO detection threshold
V(2V2) decreasing
-3%
1.85
3%
V
VUVLO_HYS
UVLO detection hysteresis
V(2V2) increasing from decreasing trigger point
120
mV
VO(2V2)
Output Voltage
Always on,
2.1
2.2
2.3
V
ISH2V2
Short Circuit current limit
V(2V2)=0v
18
mA
(1)
Not production tested.
6
ELECTRICAL SPECIFICATIONS
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TPS658621A


Similar Part No. - TPS658621A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658621A TI-TPS658621A Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI1-TPS658621A Datasheet
160Kb / 6P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR TI-TPS658621AZGUR Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR-1 TI1-TPS658621AZGUR-1 Datasheet
160Kb / 6P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUT TI-TPS658621AZGUT Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
More results

Similar Description - TPS658621A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com