Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP211 Datasheet(PDF) 2 Page - RFHIC

Part # AP211
Description  MMIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP211 Datasheet(HTML) 2 Page - RFHIC

  AP211 Datasheet HTML 1Page - RFHIC AP211 Datasheet HTML 2Page - RFHIC AP211 Datasheet HTML 3Page - RFHIC AP211 Datasheet HTML 4Page - RFHIC AP211 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M
MM
MIIC
C
A
AP
P2
21
11
1
Application Circuit (900MHz)
Noise Figure vs. Frequency
-35
-28
-21
-14
-7
0
7
14
21
800
840
880
920
960
1000
Fr e q u e n c y (M Hz )
20
25
30
35
40
45
50
800
840
880
920
960
1000
Fr e q u e n c y (M Hz )
OIP3 vs. Frequency
1
2
3
4
5
800
840
880
920
960
1000
Fre q u e n c y (MHz )
S-Parameter vs. Frequency
P1dB vs. Frequency
21
22
23
24
25
800
840
880
920
960
1000
Fr e q u e n c y (M Hz )
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3


Similar Part No. - AP211

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2111 DIODES-AP2111 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2111 DIODES-AP2111 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111H-1.2TRG1 BCDSEMI-AP2111H-1.2TRG1 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
More results

Similar Description - AP211

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
   MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
   MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
   MMIC
logo
RFHIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
   MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
   MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
   MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
   MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
   MMIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
   MMIC
AP409 RFHIC-AP409 Datasheet
422Kb / 7P
   MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com