Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP-1962-32-27 Datasheet(PDF) 2 Page - RFHIC

Part # RFP-1962-32-27
Description  HPA Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RFP-1962-32-27 Datasheet(HTML) 2 Page - RFHIC

  RFP-1962-32-27 Datasheet HTML 1Page - RFHIC RFP-1962-32-27 Datasheet HTML 2Page - RFHIC RFP-1962-32-27 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
H
HP
PA
A M
Mo
od
du
ulle
e
R
RF
FP
P--1
19
96
62
2--3
32
2--2
27
7
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.0
Interface Connectors
D-Sub, 9-Pin-Control
Pin #
DESCRIPTION
Specifications
1
RF Power Monitor
4.2V±0.1V @ CDMA 7FA 32dBm, (100mV / 1dB),
Detect range : 2dBm ~ 32dBm
2
VSWR Alarm
1.3 :1 (max) to 50Ω
3
Over Power Alarm
TTL High @ 35dBm±0.5dBm
4
RF Power Enable
Enable : TTL Low or GND / Disable : TTL High or Open
5
Over Temperature Alarm
+90℃
6
+VCC
GND
7
+VCC
GND
8
GND
+27V
9
GND
+27V
OUTLINE DRAWING
RF OUT
RF IN
Over Temperature Alarm
7GND
9
8+27V
+27V
4
6
5
3
2
RF Power Enable
GND
VSWR Alarm
Over Power Alarm
1 RF Power Monitor


Similar Part No. - RFP-1962-32-27

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFP-1960-45-27 RFHIC-RFP-1960-45-27 Datasheet
471Kb / 4P
   HPA Module
More results

Similar Description - RFP-1962-32-27

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFP-0850-27-27PS RFHIC-RFP-0850-27-27PS Datasheet
393Kb / 3P
   HPA Module
RFP-1882-32-27 RFHIC-RFP-1882-32-27 Datasheet
411Kb / 3P
   HPA Module
RFP-0895-33-27 RFHIC-RFP-0895-33-27 Datasheet
494Kb / 4P
   HPA Module
RFP-0895-27-27PS RFHIC-RFP-0895-27-27PS Datasheet
388Kb / 3P
   HPA Module
RFP-0881-45-27 RFHIC-RFP-0881-45-27 Datasheet
482Kb / 4P
   HPA Module
RFP-1960-45-27 RFHIC-RFP-1960-45-27 Datasheet
471Kb / 4P
   HPA Module
RFP-0880-42-27 RFHIC-RFP-0880-42-27 Datasheet
652Kb / 3P
   HPA Module
RFP-0850-33-27 RFHIC-RFP-0850-33-27 Datasheet
458Kb / 4P
   HPA Module
RFM-2160-35-27M RFHIC-RFM-2160-35-27M Datasheet
431Kb / 3P
   HPA Module
RFP-2140-39-27N RFHIC-RFP-2140-39-27N Datasheet
536Kb / 5P
   HPA Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com