Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFC1G18H4-24 Datasheet(PDF) 3 Page - RFHIC

Part # RFC1G18H4-24
Description  Wideband Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RFC1G18H4-24 Datasheet(HTML) 3 Page - RFHIC

  RFC1G18H4-24 Datasheet HTML 1Page - RFHIC RFC1G18H4-24 Datasheet HTML 2Page - RFHIC RFC1G18H4-24 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
W
Wiid
de
eb
ba
an
nd
d A
Am
mp
plliiffiie
er
r
R
RF
FC
C1
1G
G1
18
8H
H4
4--2
24
4
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
Applications
1.
On the power input port (Pin#5), 47uF/35V capacitor GND
is recommended.
2.
Heat sink should be placed as tight as possible to the metal
case.
3.
Pay attention when handling electrostatic-sensitive devices.
-
Person at a workbench should be earthed via a wrist
strap and a resistor.
-
All mains-powered equipment should be connected to
the mains via an earth-leakage switch.
-
Equipment cases should be grounded.
-
Relative humidity should be maintained between 40%
and 50%.
-
An ionizer is recommended.
-
Keep static materials, such as plastic envelopes and
plastic trays etc., away from the workbench.
4.
One must put the power off, before adjusting the in/output
matching of the system.
5.
Pay close attention to the input voltage not to over power the
hybrid.
6.
Do not open the Plastic cover to change the matching inside
the hybrid.
Package Dimensions (Type: DP-27)
Pin No.
Function
1
2,3,7,8
5
9
RF Input
Ground
Vcc
RF Output
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.


Similar Part No. - RFC1G18H4-24

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G18H4-24-S RFHIC-RFC1G18H4-24-S Datasheet
197Kb / 3P
   Wideband Amplifier
More results

Similar Description - RFC1G18H4-24

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
   Wideband Amplifier
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
   Wideband Amplifier
logo
RFHIC
RFC1G22 RFHIC-RFC1G22_17 Datasheet
1Mb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
   Wideband Amplifier
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
   Wideband Amplifier
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
   Wideband Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com