Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFC1G18H4-24-S Datasheet(PDF) 1 Page - RFHIC

Part # RFC1G18H4-24-S
Description  Wideband Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RFC1G18H4-24-S Datasheet(HTML) 1 Page - RFHIC

  RFC1G18H4-24-S Datasheet HTML 1Page - RFHIC RFC1G18H4-24-S Datasheet HTML 2Page - RFHIC RFC1G18H4-24-S Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
W
Wiid
de
eb
ba
an
nd
d A
Am
mp
plliiffiie
er
r
R
RF
FC
C1
1G
G1
18
8H
H4
4--2
24
4--S
S
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
Product Features
Application
GaN MMIC
Very Low Distortion
Guaranteed Broadband Power Gain
Heat Sink 99.9% Copper, Ag or Gold Plate
Excellent Thermal Conductivity
Single Supply Voltage @ 24V
No External Circuit needed
Drive Amplifier
Description
The RFC1G18H4- 24 is specifically designed for up to 1GHz in frequency as amplifiers.
This hybrid dynamic range amplifier module operates with a single voltage supply of 24V(DC).
The RFC 1G18H4- 24-S is equipped with over-voltage suppressor.
Absolute Maximum Ratings
No
Parameter
Min
Max
Unit
1
VDD / VRFOUT
22
28
VDC
2
RFIN (CW 1-Tone)
30
dBm
3
Storage Temperature
-40
100
4
Operating Ambient Temperature
-20
+60
5
Operating Flange Temperature
+85
Electrical Specifications
(TA= +25℃, VDD = 24V)
No
Parameter
Min
Typ
Max
Unit
1
Bandwidth (MHz)
20
1000
MHz
2
Gain @1000MHz
18
19
dB
3
Gain Flatness @20-1000MHz
1.5
2
dBpp
4
Input / Output VSWR
2.0 : 1
2.5 : 1
5
OIP3 @20-1000MHz
43
44
dBm
6
Power Output 3dB Comp. @20-1000MHz (dBm)
35
36
dBm
7
IMD3 @CW 2-Tone, Po=20dBm, 1000MHz
46
48
dBc
8
Supply Current
500
550
600
mA
Package Type: SOT-115J


Similar Part No. - RFC1G18H4-24-S

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G18H4-24 RFHIC-RFC1G18H4-24 Datasheet
193Kb / 3P
   Wideband Amplifier
More results

Similar Description - RFC1G18H4-24-S

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
   Wideband Amplifier
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
   Wideband Amplifier
logo
RFHIC
RFC1G22 RFHIC-RFC1G22_17 Datasheet
1Mb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
   Wideband Amplifier
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
   Wideband Amplifier
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
   Wideband Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com