Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM1842-10 Datasheet(PDF) 1 Page - RFHIC

Part # RFM1842-10
Description  Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RFM1842-10 Datasheet(HTML) 1 Page - RFHIC

  RFM1842-10 Datasheet HTML 1Page - RFHIC RFM1842-10 Datasheet HTML 2Page - RFHIC RFM1842-10 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P
Poow
weerr A
Am
mp
plliiffiieerr
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
R
RF
FM
M11884422--1100
Product Features
Application
• Small size by using simple matching circuit board
• High Efficiency
• Single Supply Voltage
• High Linearity, 10W Power
• Heat sink 99.9% copper, gold plate
• High Productivity
• Low Manufacturing Cost
• GaAs MESFET
DCS Repeater
RF Sub-Systems
Base Station
Description
The power amplifier module is designed for base stations and cell extenders
as cellular and GSM , IMT-2000, ISM, MMDS frequency systems.
GaAs MESFET is used and attached on a copper sub carrier. It is connected by
using bias and in/out matching circuit method with gold wire bonding.
The bias and matching circuit are designed much simpler than other circuits for silicon IC’s, LDMOS because
GaAs MESFET is operated by low supply voltage whereas others are operated by high supply voltage.
For better thermal conductivity, enhanced mode PCB was used in the 99.9% copper gold plate heat sink.
This simplicity results cost competitiveness and performance enhancement.
Specifications
Dimensions in mm
Functional Diagram
PARAMETER
Min
Typ
Max
Frequency Range (MHz)
1805 ~ 1880
Small Signal Gain (dB)
12.5
Gain Flatness (Max.)
± 0.5dB @ 50MHz BW
Gain Variation Over Temp
± 0.5dB
± 1.0dB
VSWR (Input)
2 : 1
Output P1dB
37 dBm
38 dBm
CDMA Power (1 FA)
32 dBm
Vcc / Idc (CDMA Only)
9V / 1.2A
OIP3 @ tone / 27 dBm
49 dBm
50 dBm
Noise Figure (Typ.)
5 dB
Shut Down (On/Off)
5V @ 25㎂ / 0V
In/Out Connectors
SMA Female (50 Ω)
Operating Temp Range
-20°C ~ +70°C
Dimensions (W×L×H)
29.0 × 30.2 × 9.0 [mm] (RFM)
48.0 × 54.2 × 22.0 [mm] (RFH)
NOTE
* CDMA : 1.25MHz symbol rate ; Forward Link ; 9 Channels, Multi tone Available
@ ±885KHz offset in 30KHz resolution bandwidth
@ ±1.98MHz offset in 30KHz resolution bandwidth
* RFM : Internally Matched Module
* RFH : Housing Type
: RF Connector
: SMA Female
Package : DP-36


Similar Part No. - RFM1842-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1855-10 RFHIC-RFM1855-10 Datasheet
217Kb / 3P
   Power Amplifier
RFM1880-10 RFHIC-RFM1880-10 Datasheet
256Kb / 3P
   Power Amplifier
logo
Intersil Corporation
RFM18N08 INTERSIL-RFM18N08 Datasheet
38Kb / 5P
   18A, 80V and 100V, 0.100 Ohm, N-Channel Power MOSFETs
RFM18N10 INTERSIL-RFM18N10 Datasheet
38Kb / 5P
   18A, 80V and 100V, 0.100 Ohm, N-Channel Power MOSFETs
More results

Similar Description - RFM1842-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com