Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BE12-2A85-P Datasheet(PDF) 2 Page - Meder Electronic

Part # BE12-2A85-P
Description  BE Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

BE12-2A85-P Datasheet(HTML) 2 Page - Meder Electronic

  BE12-2A85-P Datasheet HTML 1Page - Meder Electronic BE12-2A85-P Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BE12-2A85-P
Artikel:
| Email: salesasia@meder.com
8812285100
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Artikel Nr.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Soll
Max
Einheit
Min
Bedingung
Umweltdaten
1
Lagertemperatur
1
Wellenlöten max. 5 sec
Löttemperatur
Fluxdicht
Waschfähigkeit
Änderungen im Sinne des technischen Fortschritts bleiben vorbehalten
21.04.06
WKOVACS
WKOVACS
01
Version:
Neuanlage von:
Letzte Änderung
Neuanlage am:
Letzte Änderung :
21.04.06
DSTASTNY
RUDI RIPPL
Freigegeben von:
Freigegeben von:
Freigegeben am:
Freigegeben am:
06.10.08


Similar Part No. - BE12-2A85-P

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
BE12-2A85-P STANDEX-BE12-2A85-P Datasheet
99Kb / 2P
   RELAY REED DPST 1A 12V
Version: 03
logo
Meder Electronic
BE12-2A85-P_DE MEDER-BE12-2A85-P_DE Datasheet
101Kb / 2P
   (deutsch) BE Reed Relay
More results

Similar Description - BE12-2A85-P

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
BE24-1C90-V MEDER-BE24-1C90-V Datasheet
91Kb / 1P
   BE Reed Relays
BE05-1C90-M MEDER-BE05-1C90-M Datasheet
90Kb / 1P
   BE Reed Relays
BE12-1A66-P MEDER-BE12-1A66-P Datasheet
99Kb / 2P
   BE Reed Relays
BE12-1A66-M MEDER-BE12-1A66-M Datasheet
92Kb / 1P
   BE Reed Relays
BE24-1A66-M MEDER-BE24-1A66-M Datasheet
100Kb / 1P
   BE Reed Relays
BE24-1B66-M MEDER-BE24-1B66-M Datasheet
89Kb / 1P
   BE Reed Relays
BE12-1A66-V MEDER-BE12-1A66-V Datasheet
92Kb / 1P
   BE Reed Relays
BE12-1B66-V MEDER-BE12-1B66-V Datasheet
74Kb / 1P
   BE Reed Relays
BE12-2A85-M MEDER-BE12-2A85-M Datasheet
92Kb / 1P
   BE Reed Relays
BE24-2A-2B66-M MEDER-BE24-2A-2B66-M Datasheet
75Kb / 1P
   BE Reed Relays
BE05-1A85-M MEDER-BE05-1A85-M Datasheet
99Kb / 2P
   BE Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com