Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR0240LP-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR0240LP-7
Description  0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR0240LP-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR0240LP-7 Datasheet HTML 1Page - Diodes Incorporated SBR0240LP-7 Datasheet HTML 2Page - Diodes Incorporated SBR0240LP-7 Datasheet HTML 3Page - Diodes Incorporated SBR0240LP-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBR0240LP
Document number: DS31774 Rev. 3 - 2
1 of 4
www.diodes.com
June 2009
© Diodes Incorporated
SBR0240LP
SBR is a registered trademark of Diodes Incorporated.
0.2A SBR
®
SURFACE MOUNT SUPER BARRIER RECTIFIER
Features
Ultra Low Forward Voltage Drop
Superior Reverse Avalanche Capability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
150ºC Operating Junction Temperature
Lead Free Finish, RoHS Compliant (Note 1)
“Green” Molding Compound (No Br, Sb)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: DFN1006-2
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminal Connections: Cathode Dot
Terminals: Finish - NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.001 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
40
V
Average Rectified Output Current (See Figure 1)
IO
250
mA
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Ambient TA = 25ºC (Note 3)
RθJA
270
ºC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
ºC
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
-
-
-
-
0.15
0.22
0.29
0.41
0.49
0.47
0.21
0.28
0.35
0.49
0.59
0.56
V
IF = 0.1mA, TJ = 25ºC
IF = 1.0mA, TJ = 25ºC
IF = 10mA, TJ = 25ºC
IF = 100mA, TJ = 25ºC
IF = 200mA, TJ = 25ºC
IF = 200mA, TJ = 125ºC
Leakage Current (Note 2)
IR
-
0.5
0.6
-
10
µA
VR = 25V, TJ = 25ºC
VR = 40V, TJ = 25ºC
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html.
2. Short duration pulse test used to minimize self-heating effect.
3. FR-4 PCB, 2oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
Top View
Bottom View
Please click here to visit our online spice models database.


Similar Part No. - SBR0240LP-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR0240LP-7 DIODES-SBR0240LP-7 Datasheet
349Kb / 5P
   0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
More results

Similar Description - SBR0240LP-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR0240LP DIODES-SBR0240LP_16 Datasheet
349Kb / 5P
   0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LPQ DIODES-SBR02U100LPQ Datasheet
391Kb / 5P
   0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR0240LPW DIODES-SBR0240LPW Datasheet
450Kb / 5P
   0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U30LP DIODES-SBR02U30LP Datasheet
102Kb / 4P
   0.2A SBR SUPER BARRIER RECTIFIER
DS31715 Rev. 2 - 2
SBR02M30LP DIODES-SBR02M30LP_16 Datasheet
436Kb / 5P
   0.2A SBR SUPER BARRIER RECTIFIER
SBR0220LP DIODES-SBR0220LP_16 Datasheet
367Kb / 5P
   0.2A SBR SUPER BARRIER RECTIFIER
SBR02U30LP DIODES-SBR02U30LP_16 Datasheet
337Kb / 5P
   0.2A SBR SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP Datasheet
208Kb / 4P
   0.2A SBR짰 Surface Mount Super Barrier Rectifier
SBR02U100LP Rev. 4 ??2
SBR0240LP DIODES-SBR0240LP_15 Datasheet
101Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR2A30P1 DIODES-SBR2A30P1 Datasheet
306Kb / 4P
   2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A30P1 Rev. 8 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com