Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLM2121-L Datasheet(PDF) 1 Page - RFHIC

Part # GLM2121-L
Description  MCM Linear High Gain Linearity Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

GLM2121-L Datasheet(HTML) 1 Page - RFHIC

  GLM2121-L Datasheet HTML 1Page - RFHIC GLM2121-L Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M
MC
CM
M L
Liin
ne
ea
ar
r
H
Hiig
gh
h G
Ga
aiin
n L
Liin
ne
ea
ar
riitty
y
M
Mo
od
du
ulle
e
G
GL
LM
M0
09
92
21
1--L
L // G
GL
LM
M1
15
52
21
1--L
L //
G
GB
BM
M1
18
82
21
1--L
L G
GL
LM
M2
21
12
21
1--L
L // G
GL
LM
M2
25
52
21
1--L
L
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
Product Features
Applications
Multichip Hybrid Module
HBT& MESFET chip on board
No matching circuit needed
High IP3,High Gain
Surface Mount Hybrid Type & Reel Packing
Small Size
Alumina Substrate
• Pb Free / RoHS Standard
• Repeater
• RF Sub-Systems
• Base Station
Descriptions
This dual stage High Gain Linearity Module family is a high gain, low noise amplifier.
It is one of the smallest matched amplifiers.
This family has superior performance comes with a modest price tag.
Specifications
(Operating Temperature:-30
°C~+80°C)
PARAMETER
GLM0921
GLM1521
GLM1821
GLM2121
GLM2521
Frequency Range (MHz)
824~960
1729~960
1750~1870
1920~2170
2100~3100
Power Gain (dB) (TYP.)
30
27
25
25
25~22
Gain Flatness (dB)
±
0.5
±
0.5
±
0.5
±
0.5
±
1.5
Input VSWR
2.0
Output VSWR
1.5
1dB Compression Point
(dBm)(P1dB) (TYP.)
21
21
21
21
21
Output 3rd Order Intercept Point
(dBm)(OIP3)
40
40
40
38
39
Noise Figure (dB)(TYP.)
6
6
6
6
6
DC Current
(Vdc=5V, Tc=25
°C)(mA)
220
220
220
220
220
Package : CP-16B


Similar Part No. - GLM2121-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
GLM2123-L RFHIC-GLM2123-L Datasheet
195Kb / 3P
   Linear Amplifier
More results

Similar Description - GLM2121-L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-30789 BOARDCOM-MGA-30789 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
TQL9047 QORVO-TQL9047 Datasheet
954Kb / 15P
   High Linearity Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
logo
TriQuint Semiconductor
TQL9047 TRIQUINT-TQL9047_15 Datasheet
599Kb / 13P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9126 QORVO-QPA9126 Datasheet
1Mb / 12P
   High Linearity Gain Block
June 26, 2019
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789_15 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9127 QORVO-QPA9127 Datasheet
1Mb / 11P
   High Linearity Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
   Flat Gain High Linearity Gain Block
logo
TriQuint Semiconductor
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com