Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS497004-CQZR Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS497004-CQZR
Description  High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497004-CQZR Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS497004-CQZR Datasheet HTML 7Page - Cirrus Logic CS497004-CQZR Datasheet HTML 8Page - Cirrus Logic CS497004-CQZR Datasheet HTML 9Page - Cirrus Logic CS497004-CQZR Datasheet HTML 10Page - Cirrus Logic CS497004-CQZR Datasheet HTML 11Page - Cirrus Logic CS497004-CQZR Datasheet HTML 12Page - Cirrus Logic CS497004-CQZR Datasheet HTML 13Page - Cirrus Logic CS497004-CQZR Datasheet HTML 14Page - Cirrus Logic CS497004-CQZR Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DS752PP8
Copyright 2009 Cirrus Logic
11
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
5.4 Power Supply Characteristics
(Measurements performed under operating conditions.)
5.5 Thermal Data (144-Pin LQFP)
5.6 Thermal Data (128-pin LQFP)
Notes: 1.Two-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz copper covering 20% of the top and bottom
layers.
2.Four-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz copper covering 20% of the
top and bottom layers and 0.5-oz copper covering 90% of the internal power plane and ground plane layers.
3.To calculate the die temperature for a given power dissipation
Τ
j = Ambient Temperature + [ (Power Dissipation in Watts) * θja ]
4.To calculate the case temperature for a given power dissipation
Τ
c = Τj - [ (Power Dissipation in Watts) * ψ jt ]
Input leakage current (all digital pins with internal pull-
up resistors enabled, and XTI)
IIN-PU
--
70
μA
Parameter
Min
Typ
Max
Unit
Power supply current:
Core and I/O operating: VDD1
PLL operating: VDDA
With external memory and most ports operating: VDDIO
1.Dependent on application firmware and DSP clock speed.
-
-
-
500
3.5
120
-
-
-
mA
mA
mA
Parameter
Symbol
Min
Typ
Max
Unit
Thermal Resistance (Junction to Ambient)
Two-layer Board1
Four-layer Board2
θ
ja
-
-
48
40
-
-
°C / Watt
Thermal Resistance (Junction to Top of Package)
Two-layer Board1
Four-layer Board2
ψ
jt
-
-
.39
.33
-
-
°C / Watt
Parameter
Symbol
Min
Typ
Max
Unit
Thermal Resistance (Junction to Ambient)
Two-layer Board1
Four-layer Board2
θ
ja
-
-
53
44
-
-
°C / Watt
Thermal Resistance (Junction to Top of Package)
Two-layer Board1
Four-layer Board2
ψ
jt
-
-
.45
.39
-
-
°C / Watt
Parameter
Symbol
Min
Typ
Max
Unit


Similar Part No. - CS497004-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS497004-CQZR CIRRUS-CS497004-CQZR Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
More results

Similar Description - CS497004-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS497014 CIRRUS-CS497014 Datasheet
871Kb / 31P
   High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
   32-bit Dual Audio DSP Engine
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com