Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5542ABRUZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5542ABRUZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5542ABRUZ Datasheet(HTML) 5 Page - Analog Devices

  AD5542ABRUZ Datasheet HTML 1Page - Analog Devices AD5542ABRUZ Datasheet HTML 2Page - Analog Devices AD5542ABRUZ Datasheet HTML 3Page - Analog Devices AD5542ABRUZ Datasheet HTML 4Page - Analog Devices AD5542ABRUZ Datasheet HTML 5Page - Analog Devices AD5542ABRUZ Datasheet HTML 6Page - Analog Devices AD5542ABRUZ Datasheet HTML 7Page - Analog Devices AD5542ABRUZ Datasheet HTML 8Page - Analog Devices AD5542ABRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Preliminary Technical Data
AD5541A/AD5542A/AD5512AA
Rev. P
rA | Page 5 of 24
Parameter
Min
Typ
Max
Unit
Test Condition
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD
200
TBD
µA
VLOGIC
1.8
5.5
V
ILOGIC
200
TBD
µA
Power Dissipation
1.5
TBD
mW
1 Reference input resistance is code-dependent, minimum at 0x8555.
2 Guaranteed by design, not subject to production test.
TIMING CHARACTERISTICS
VLOGIC = 1.8 V to 5.5 V V, VDD = 5V, VREF = 2.5 V, VINH = 90% of VLOGIC, VINL = 10% of VLOGIC, AGND = DGND = 0 V; −40°C < TA < +105°C,
unless otherwise noted.
Table 2.
Parameter1, 2
Limit
Unit
Description
fSCLK
50
MHz max
SCLK cycle frequency
t1
20
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
5
ns min
CS low to SCLK high setup
t5
7
ns min
CS high to SCLK high setup
t6
15
ns min
SCLK high to CS low hold time
t7
10
ns min
SCLK high to CS high hold time
t8
7
ns min
Data setup time
t9
5
ns min
Data hold time (VINH = 90% of VDD, VINL = 10% of VDD)
t9
5
ns min
Data hold time (VINH = 3V, VINL = 0 V)
t10
15
ns min
LDAC pulsewidth
t11
15
ns min
CS high to LDAC low setup
t12
15
ns min
CS high time between active periods
t13
15
ns min
CLR pulsewidth
1 Guaranteed by design and characterization. Not production tested
2 All input signals are specified with tR = tF = 1 ns/V and timed from a voltage level of (VINL + VINH)/2.
Figure 5. Timing Diagram


Similar Part No. - AD5542ABRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5542ABRUZ AD-AD5542ABRUZ Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
AD5542ABRUZ-REEL7 AD-AD5542ABRUZ-REEL7 Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
More results

Similar Description - AD5542ABRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com