Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3792 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N3792
Description  EPITAXIAL-BASE NPN - PNP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3792 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N3792 Datasheet HTML 1Page - Comset Semiconductor 2N3792 Datasheet HTML 2Page - Comset Semiconductor 2N3792 Datasheet HTML 3Page - Comset Semiconductor 2N3792 Datasheet HTML 4Page - Comset Semiconductor 2N3792 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
COMSET SEMICONDUCTORS
3/5
2N3713/2N3714/2N3715/2N3716 - NPN
2N3789/2N3790/2N3791/2N3792 - PNP
ELETRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
2N3789
2N3791
2N3713
2N3715
60
-
-
VCEO(SUS)
Collector-Emitter Sustaining
Voltage
IC=200 mA, IB=0 (1)
2N3790
2N3792
2N3714
2N3716
80
-
-
V
VCE=30 V, IB=0
2N3789
2N3791
2N3713
2N3715
--
0.7
ICEO
Collector-Emitter Current
VCE=40 V, IB=0
2N3790
2N3792
2N3714
2N3716
--
0.7
mA
VCE=80 V, VEB=-1.5 V
2N3789
2N3791
2N3713
2N3715
--
1.0
VCE=100 V, VEB=-1.5 V, TC =
150°C
2N3790
2N3792
2N3714
2N3716
--
1.0
VCE=60 V, VEB=-1.5 V, TC =
150°C
2N3789
2N3791
2N3713
2N3715
--
10
ICEV
Collector Cutoff Current
VCE=80 V, VEB(off)=-1.5 V, TC =
150°C
2N3790
2N3792
2N3714
2N3716
--
10
mA
IEBO
Emitter Cutoff Current
VBE=7.0 V, IC=0
2N3789
2N3790
2N3791
2N3792
2N3713
2N3714
2N3715
2N3716
--
5.0
mA


Similar Part No. - 2N3792

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3792 MOSPEC-2N3792 Datasheet
116Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
Savantic, Inc.
2N3792 SAVANTIC-2N3792 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
logo
Seme LAB
2N3792 SEME-LAB-2N3792 Datasheet
15Kb / 2P
   PNP SILICON EPITAXIAL BASE POWER TANSISTORS
logo
Central Semiconductor C...
2N3792 CENTRAL-2N3792 Datasheet
494Kb / 2P
   SILICON PNP POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3792 BOCA-2N3792 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
More results

Similar Description - 2N3792

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
List of Unclassifed Man...
BDX53 ETC-BDX53 Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX18 COMSET-BDX18_12 Datasheet
79Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Seme LAB
BDX14AA SEME-LAB-BDX14AA Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR, EPITAXIAL BASE
logo
Comset Semiconductor
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com