Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6254 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N6254
Description  HIGH POWER SILICON NPN TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6254 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N6254 Datasheet HTML 1Page - Comset Semiconductor 2N6254 Datasheet HTML 2Page - Comset Semiconductor 2N6254 Datasheet HTML 3Page - Comset Semiconductor 2N6254 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMSET SEMICONDUCTORS
1/4
2N6253 - 2N6254 - 2N6371
HIGH POWER SILICON NPN TRANSISTORS
The 2N6253, 2N6254, and 2N6371 are silicon NPN transistors intended for a wide
variety of high-power applications. The construction of these devices renders them
highly resistant to second breakdown over a wide range of operating conditions.
These devices differ in maximum ratings for voltage and power dissipation. All are
supplied in JEDEC TO-3 hermetic steel packages.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N6253
45
2N6254
80
VCEO(SUS)
Collector-Emitter Voltage
2N6371
40
V
2N6253
55
2N6254
100
VCBO
Collector-Base Voltage (*)
2N6371
50
V
2N6253
55
2N6254
85
VCER(SUS)
Collector-Emitter Voltage
RBE=100Ω
2N6371
45
V
2N6253
55
2N6254
90
VCEV(SUS)
Collector-Emitter Voltage
VBE=-1.5V
2N6371
50
V
2N6253
5
2N6254
7
VEBO
Emitter-Base Voltage
2N6371
5
V
IC
Collector Current
2N6253
2N6254
2N6371
15
A
IB
Base Current
2N6253
2N6254
2N6371
7
A


Similar Part No. - 2N6254

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6254 SEME-LAB-2N6254 Datasheet
12Kb / 1P
   BIPOLAR NPN DEVICE IN A HERMETICALLY SEALED TO3 METAL PACKAGE
logo
Central Semiconductor C...
2N6254 CENTRAL-2N6254 Datasheet
51Kb / 1P
   POWER TRANSISTORS TO-3 CASE
logo
Savantic, Inc.
2N6254 SAVANTIC-2N6254 Datasheet
109Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6254 JMNIC-2N6254 Datasheet
105Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N6254 ISC-2N6254 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N6254

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
   HIGH POWER NPN SILICON TRANSISTORS
logo
M/A-COM Technology Solu...
2N3902 MA-COM-2N3902 Datasheet
501Kb / 4P
   NPN High Power Silicon Transistors
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
2N6274 NJSEMI-2N6274 Datasheet
248Kb / 2P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
STMicroelectronics
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
   HIGH POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUX98 NJSEMI-BUX98 Datasheet
97Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
   High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Comset Semiconductor
2N6253 COMSET-2N6253_12 Datasheet
88Kb / 4P
   HIGH POWER SILICON NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5301 NJSEMI-2N5301 Datasheet
282Kb / 2P
   HIGH-POWER NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com