Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDT82 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDT82
Description  SILICON POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT82 Datasheet(HTML) 3 Page - Comset Semiconductor

  BDT82 Datasheet HTML 1Page - Comset Semiconductor BDT82 Datasheet HTML 2Page - Comset Semiconductor BDT82 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
COMSET SEMICONDUCTORS
3/3
PNP BDT82 – BDT84 – BDT86 – BDT88
NPN BDT81 – BDT83 – BDT85 – BDT87
BDT82
BDT84
BDT86
-VBE
Base-Emitter voltage (1)
-IC=5 A , -VCE=4 V
BDT88
--
1.5
V
Symbol
Ratings
Test Condition(s)Sec
Min Typ Mx Unit
-IS/B
Second breakdown collector
current
-VCE=50 V , tP = 100 ms
2.5
-
-
A
fT
Transition frequency
-VCE=10 V , -IC=0.5 A , f=1 MHz
-20-
MHz
ton
Turn-on time
-IC=7 A , -IB1 = IB2 =0.7 A
--
1
Toff
Turn-off time
-IC=7 A , -IB1 = IB2 =0.7 A
--
2
µs
(1) Pulse Duration = 300
µs, δ <= 2%
MECHANICAL DATA CASE TO-220
DIMENSIONS
mm
inches
A
9,86
0,39
B
15,73
0,62
C
13,37
0,52
D
6,67
0,26
E
4,44
0,17
F
4,21
0,16
G
2,99
0,11
H
17,21
0,68
L
1,29
0,05
M
3,6
0,14
N
1,36
0,05
P
0,46
0,02
R
2,1
0,08
S
5
0,19
T
2,52
0,098
U
0,79
0,03
Pin 1 :
Base
Pin 2 :
Collector
Pin 3 :
Emitter
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.


Similar Part No. - BDT82

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82 ISC-BDT82 Datasheet
116Kb / 2P
   isc Silicon PNP Power Transistors
logo
Comset Semiconductor
BDT82 COMSET-BDT82 Datasheet
151Kb / 4P
   SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDT82 NJSEMI-BDT82 Datasheet
129Kb / 2P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
   isc Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
BDT82F NJSEMI-BDT82F Datasheet
127Kb / 2P
   Silicon PNP Power Transistors
More results

Similar Description - BDT82

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
   SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SB1669 RENESAS-2SB1669_15 Datasheet
262Kb / 8P
   SILICON POWER TRANSISTOR
2SC2334 RENESAS-2SC2334_15 Datasheet
239Kb / 8P
   SILICON POWER TRANSISTOR
2SD2162 RENESAS-2SD2162_15 Datasheet
235Kb / 8P
   SILICON POWER TRANSISTOR
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
   Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
   Silicon Power Transistor
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
   SILICON POWER TRANSISTOR
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
   SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
   SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
   SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
   SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com