Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX62A Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX62A
Description  PNP SILICON DARLINGTONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX62A Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX62A Datasheet HTML 1Page - Comset Semiconductor BDX62A Datasheet HTML 2Page - Comset Semiconductor BDX62A Datasheet HTML 3Page - Comset Semiconductor BDX62A Datasheet HTML 4Page - Comset Semiconductor BDX62A Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
IEBO
Emitter Cutoff Current
VBE=-5 V
BDX62
BDX62A
BDX62B
BDX62C
-
-
-5.0
mA
VCBO=-60 V
-
-
-0.2
VCBO=-40 V
TCASE=200°C
BDX62
-
-
-2
VCBO=-80 V
-
-
-0.2
VCBO=-50 V
TCASE=200°C
BDX62A
-
-
-2
VCBO=-100 V
-
-
-0.2
VCBO=-60 V
TCASE=200°C
BDX62B
-
-
-2
VCBO=-120 V
-
-
-0.2
ICBO
Collector-Base Cutoff
Current
VCBO=-70 V
TCASE=200°
BDX62C
-
-
-2
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=-3.0 A, IB=-12 mA
BDX62
BDX62A
BDX62B
BDX62C
-
-
-2
V
VF
Forward Voltage (pulse
method)
IF=3 A
BDX62
BDX62A
BDX62B
BDX62C
-
-
-2.5
V
VBE
Base-Emitter Voltage (*)
IC=-3.0 A, VCE=-3V
BDX62
BDX62A
BDX62B
BDX62C
-
-
-
V
fhfe
Cut-off frequency
VCE=3 V, IC=3 A
BDX62
BDX62A
BDX62B
BDX62C
-
100
-
kHz


Similar Part No. - BDX62A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX62A SEME-LAB-BDX62A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
logo
Inchange Semiconductor ...
BDX62A ISC-BDX62A Datasheet
91Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Comset Semiconductor
BDX62A COMSET-BDX62A Datasheet
83Kb / 4P
   PNP SILICON DARLINGTON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX62A NJSEMI-BDX62A Datasheet
143Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - BDX62A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64 ETC-BDX64 Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX66 COMSET-BDX66 Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
List of Unclassifed Man...
BDX66 ETC-BDX66 Datasheet
164Kb / 4P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX64 COMSET-BDX64 Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com