Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX63 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX63
Description  NPN SILICON DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX63 Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX63 Datasheet HTML 1Page - Comset Semiconductor BDX63 Datasheet HTML 2Page - Comset Semiconductor BDX63 Datasheet HTML 3Page - Comset Semiconductor BDX63 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
VBE
Base-Emitter Voltage (*)
IC=3.0 A, VCE=3V
BDX63
BDX63A
BDX63B
BDX63C
-
-
2.5
V
Fhfe
Cut-off frequency
VCE=3 V, IC=3 A
BDX63
BDX63A
BDX63B
BDX63C
-
100
-
kHz
fT
Transition Frequency
VCE=3 V, IC=3 A, f=1 MHz
BDX63
BDX63A
BDX63B
BDX63C
-
7
-
MHz
VCE=3 V, IC=0.5 A
BDX63
BDX63A
BDX63B
BDX63C
-
2500
-
VCE=3 V, IC=3 A
BDX63
BDX63A
BDX63B
BDX63C
1000
-
-
hFE
D.C. current gain (*)
VCE=3 V, IC=8 A
BDX63
BDX63A
BDX63B
BDX63C
-
2600
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(1) collector-Emitter voltage limited et VCEci = V
rated by
an auxiliary circuit
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector


Similar Part No. - BDX63

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX63 SEME-LAB-BDX63 Datasheet
24Kb / 2P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
logo
Inchange Semiconductor ...
BDX63 ISC-BDX63 Datasheet
88Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Comset Semiconductor
BDX63 COMSET-BDX63 Datasheet
83Kb / 4P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX63 NJSEMI-BDX63 Datasheet
141Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
TT Electronics.
BDX63 TTELEC-BDX63 Datasheet
558Kb / 3P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX63

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX65 ETC-BDX65 Datasheet
167Kb / 4P
   NPN SILICON DARLINGTONS
logo
Comset Semiconductor
BDX67 COMSET-BDX67 Datasheet
145Kb / 4P
   NPN SILICON DARLINGTONS
BDX67 COMSET-BDX67_1 Datasheet
221Kb / 5P
   NPN SILICON DARLINGTONS
2N3055 COMSET-2N3055_12 Datasheet
76Kb / 3P
   NPN SILICON DARLINGTONS
BDX65 COMSET-BDX65 Datasheet
161Kb / 4P
   NPN SILICON DARLINGTONS
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com