Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX63A Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX63A
Description  NPN SILICON DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX63A Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX63A Datasheet HTML 1Page - Comset Semiconductor BDX63A Datasheet HTML 2Page - Comset Semiconductor BDX63A Datasheet HTML 3Page - Comset Semiconductor BDX63A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
BDX63
BDX63A
BDX63B
BDX63C
1.94
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BDX63
60
-
-
BDX63A
80
-
-
BDX63B
100
-
-
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=0.1 A, IB=0, L=25mH
BDX63C
120
-
-
V
VCE=30 V
BDX63
-
-
VCE=40 V
BDX63A
-
-
VCE=50 V
BDX63B
-
-
ICEO
Collector Cutoff Current
VCE=60 V
BDX63C
-
-
0.5
mA
IEBO
Emitter Cutoff Current
VBE=5 V
BDX63
BDX63A
BDX63B
BDX63C
-
-
5.0
mA
VCBO=60 V
-
-
0.2
VCBO=400 V
TCASE=200°C
BDX63
-
-
2
VCBO=80 V
-
-
0.2
VCBO=50 V
TCASE=200°C
BDX63A
-
-
2
VCBO=100 V
-
-
0.2
VCBO=60 V
TCASE=200°C
BDX63B
-
-
2
VCBO=120 V
-
-
0.2
ICBO
Collector-Base Cutoff
Current
VCBO=70 V
TCASE=200°
BDX63C
-
-
2
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=3.0 A, IB=12 mA
BDX63
BDX63A
BDX63B
BDX63C
-
-
2
V
VF
Forward Voltage (pulse
method)
IF=3 A
BDX63
BDX63A
BDX63B
BDX63C
-
1.2
-
V


Similar Part No. - BDX63A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX63A SEME-LAB-BDX63A Datasheet
24Kb / 2P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
logo
Inchange Semiconductor ...
BDX63A ISC-BDX63A Datasheet
88Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Comset Semiconductor
BDX63A COMSET-BDX63A Datasheet
83Kb / 4P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX63A NJSEMI-BDX63A Datasheet
141Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
TT Electronics.
BDX63A TTELEC-BDX63A Datasheet
558Kb / 3P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX63A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX65 ETC-BDX65 Datasheet
167Kb / 4P
   NPN SILICON DARLINGTONS
logo
Comset Semiconductor
BDX67 COMSET-BDX67 Datasheet
145Kb / 4P
   NPN SILICON DARLINGTONS
BDX67 COMSET-BDX67_1 Datasheet
221Kb / 5P
   NPN SILICON DARLINGTONS
2N3055 COMSET-2N3055_12 Datasheet
76Kb / 3P
   NPN SILICON DARLINGTONS
BDX65 COMSET-BDX65 Datasheet
161Kb / 4P
   NPN SILICON DARLINGTONS
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com