Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX64 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX64
Description  PNP SILICON DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX64 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX64 Datasheet HTML 1Page - Comset Semiconductor BDX64 Datasheet HTML 2Page - Comset Semiconductor BDX64 Datasheet HTML 3Page - Comset Semiconductor BDX64 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
BDX64
BDX64A
BDX64B
BDX64C
1.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BDX64
-60
-
-
BDX64A
-80
-
-
BDX64B
-100
-
-
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=-0.1 A, IB=0, L=25mH
BDX64C
-120
-
-
V
VCE=-30 V
BDX64
-
-
VCE=-40 V
BDX64A
-
-
VCE=-50 V
BDX64B
-
-
ICEO
Collector Cutoff Current
VCE=-60 V
BDX64C
-
-
-1.0
mA
IEBO
Emitter Cutoff Current
VBE=-5 V
BDX64
BDX64A
BDX64B
BDX64C
-
-
-5.0
mA
VCBO=-60 V
-
-
0.2
VCBO=-40 V
TCASE=200°C
BDX64
-
-
2
VCBO=-80 V
-
-
0.2
VCBO=-50 V
TCASE=200°C
BDX64A
-
-
2
VCBO=-100 V
-
-
0.2
VCBO=-60 V
TCASE=200°C
BDX64B
-
-
2
VCBO=-120 V
-
-
0.2
ICBO
Collector-Base Cutoff
Current
VCBO=-70 V
TCASE=200°
BDX64C
-
-
2
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=-5.0 A, IB=-20 mA
BDX64
BDX64A
BDX64B
BDX64C
-
-
-2
V
VF
Forward Voltage (pulse
method)
IF=5 A
BDX64
BDX64A
BDX64B
BDX64C
-
1.8
-
V


Similar Part No. - BDX64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64 ETC-BDX64 Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
logo
Inchange Semiconductor ...
BDX64 ISC-BDX64 Datasheet
92Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDX64 NJSEMI-BDX64 Datasheet
93Kb / 2P
   DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
BDX64A ETC-BDX64A Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
logo
Seme LAB
BDX64A SEME-LAB-BDX64A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
More results

Similar Description - BDX64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64 ETC-BDX64 Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX66 COMSET-BDX66 Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
List of Unclassifed Man...
BDX66 ETC-BDX66 Datasheet
164Kb / 4P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX62 COMSET-BDX62 Datasheet
164Kb / 5P
   PNP SILICON DARLINGTONS
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com