Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX64A Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BDX64A
Description  PNP SILICON DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX64A Datasheet(HTML) 1 Page - Comset Semiconductor

  BDX64A Datasheet HTML 1Page - Comset Semiconductor BDX64A Datasheet HTML 2Page - Comset Semiconductor BDX64A Datasheet HTML 3Page - Comset Semiconductor BDX64A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BDX64
-60
BDX64A
-80
BDX64B
-100
VCEO
Collector-Emitter Voltage
BDX64C
-120
V
BDX64
-60
BDX64A
-80
BDX64B
-100
VCEV
Collector-EmitterVoltage
VBE=-1.5 V
BDX64C
-120
V
VEBO
Emitter-Base Voltage
BDX64
BDX64A
BDX64B
BDX64C
-5.0
V
IC(RMS)
BDX64
BDX64A
BDX64B
BDX64C
-12
IC
Collector Current
ICM
BDX64
BDX64A
BDX64B
BDX64C
-16
A
IB
Base Current
BDX64
BDX64A
BDX64B
BDX64C
0.2
A
PT
Power Dissipation
@ TC = 25°
BDX64
BDX64A
BDX64B
BDX64C
117
Watts
W/°C
TJ
Junction Temperature
TS
Storage Temperature
BDX64
BDX64A
BDX64B
BDX64C
-55 to +200
°C
General purpose darlingtons designed for power amplifier and switching
applications.
P
PN
NP
P S
SIIL
LIIC
CO
ON
N D
DA
AR
RL
LIIN
NG
GT
TO
ON
NS
S


Similar Part No. - BDX64A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64A ETC-BDX64A Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
logo
Seme LAB
BDX64A SEME-LAB-BDX64A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDX64A ISC-BDX64A Datasheet
92Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Comset Semiconductor
BDX64A COMSET-BDX64A Datasheet
83Kb / 4P
   PNP SILICON DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX64A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64 ETC-BDX64 Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX66 COMSET-BDX66 Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
List of Unclassifed Man...
BDX66 ETC-BDX66 Datasheet
164Kb / 4P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX62 COMSET-BDX62 Datasheet
164Kb / 5P
   PNP SILICON DARLINGTONS
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com