Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX66B Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX66B
Description  PNP SILICON DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX66B Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX66B Datasheet HTML 1Page - Comset Semiconductor BDX66B Datasheet HTML 2Page - Comset Semiconductor BDX66B Datasheet HTML 3Page - Comset Semiconductor BDX66B Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
COMSET SEMICONDUCTORS
3/4
BDX 66, A, B, C
Symbol
Ratings
Test Condition(s)
Min
Typ
M
x
Unit
-IEBO
Emitter Cutoff Current
-VBE=5 V
BDX66
BDX66A
BDX66B
BDX66C
-
-
5.0
mA
TCASE=25°C, -VCB=60 V
-
-
1
TCASE=200°C, -VCB=40 V
BDX66
-
-
5
TCASE=25°C, -VCB=50 V
-
-
1
TCASE=200°C,-VCB=80 V
BDX66A
-
-
5
TCASE=25°C, -VCB=100 V
-
-
1
TCASE=200°C, -VCB=60 V
BDX66B
-
-
5
TCASE=25°C, -VCB=120 V
-
-
1
-ICBO
Collector-Base Cutoff
Current
TCASE=200°C, -VCB=70 V
BDX66C
-
-
5
mA
hFE
DC Current Gain
-VCE=3 V,- IC=1 A
-
2000
-
hFE
DC Current Gain
-VCE=3 V,- IC=10 A
1000
-
-
hFE
DC Current Gain
-VCE=3 V,- IC=16 A
-
1000
-
-
-VCE(SAT)
Collector-Emitter saturation
Voltage (*)
-IC=10 A, -IB=40 mA
BDX66
BDX66A
BDX66B
BDX66C
-
-
2
V
-VBE
Base-Emitter Voltage(1&2)
-VCE=3 V, -IC=10 A
-
-
2,5
V
VF
Diode forward voltage
IF=10 A
-
2
-
V
C22b
IE=0 A, -VCB=-10V, f=1
MHz
BDX66
BDX66A
BDX66B
BDX66C
-
300
-
pF
ton
Switching characteristics
VCC=12V, -IC=10 A, -IB1=
IB2=40 mA
BDX66
BDX66A
-
1
-
µs


Similar Part No. - BDX66B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX66B ETC-BDX66B Datasheet
164Kb / 4P
   PNP SILICON DARLINGTONS
logo
Savantic, Inc.
BDX66B SAVANTIC-BDX66B Datasheet
109Kb / 3P
   Silicon PNP Power Transistors
logo
Seme LAB
BDX66B SEME-LAB-BDX66B Datasheet
185Kb / 3P
   PNP DARLINGTON SILICON POWER TRANSISTOR
logo
Comset Semiconductor
BDX66B COMSET-BDX66B Datasheet
83Kb / 4P
   PNP SILICON DARLINGTON POWER TRANSISTOR
logo
Savantic, Inc.
BDX66B SAVANTIC-BDX66B Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BDX66B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64 ETC-BDX64 Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
BDX66 ETC-BDX66 Datasheet
164Kb / 4P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX62 COMSET-BDX62 Datasheet
164Kb / 5P
   PNP SILICON DARLINGTONS
BDX64 COMSET-BDX64 Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com