Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX67C Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX67C
Description  NPN SILICON DARLINGTONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX67C Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX67C Datasheet HTML 1Page - Comset Semiconductor BDX67C Datasheet HTML 2Page - Comset Semiconductor BDX67C Datasheet HTML 3Page - Comset Semiconductor BDX67C Datasheet HTML 4Page - Comset Semiconductor BDX67C Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BDX67, A, B, C
COMSET SEMICONDUCTORS
3/5
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
TCASE=25°C, VCB=100 V
-
-
1
TCASE=200°C, VCB=60 V
BDX67B
-
-
5
TCASE=25°C, VCB=120 V
-
-
1
ICBO
Collector-Base Cutoff
Current
TCASE=200°C, VCB=70 V
BDX67C
-
-
5
mA
VCE=3 V, IC=1 A
-
5200
-
VCE=3 V, IC=10 A
1000
-
-
hFE
DC Current Gain
VCE=3 V, IC=16 A
-
4000
-
-
BDX67
BDX67A
BDX67B
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=10 A, IB=40 mA
BDX67C
-
-
2
V
BDX67
BDX67A
BDX67B
VBE
Base-Emitter Voltage(1&2)
VCE=3 V, IC=10 A
BDX67C
-
-
2,5
V
BDX67
BDX67A
BDX67B
VF
Diode forward voltage
IF=10 A
BDX67C
-
2,5
-
V
BDX67
BDX67A
BDX67B
Cc
IE=0 A, VCB=10V
BDX67C
-
300
-
pF
BDX67
BDX67A
BDX67B
ton
BDX67C
-
1
-
BDX67
BDX67A
BDX67B
toff
Switching characteristics
VCC=12V, IC=-10 A
IB1=- IB2=0.04 A
BDX67C
-
3.5
-
µs
BDX67
BDX67A
BDX67B
fhfe
VCE=-3 V, IC=-5 A
BDX67C
-
50
-
kHz
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(1) collector-Emitter voltage limited et VCEci = V rated by an auxiliary circuit


Similar Part No. - BDX67C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX67C SEME-LAB-BDX67C Datasheet
24Kb / 2P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
logo
Savantic, Inc.
BDX67C SAVANTIC-BDX67C Datasheet
109Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX67C COMSET-BDX67C Datasheet
145Kb / 4P
   NPN SILICON DARLINGTONS
logo
Inchange Semiconductor ...
BDX67C ISC-BDX67C Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX67C COMSET-BDX67C Datasheet
83Kb / 4P
   NPN SILICON DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX67C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX65 ETC-BDX65 Datasheet
167Kb / 4P
   NPN SILICON DARLINGTONS
logo
Comset Semiconductor
BDX63 COMSET-BDX63 Datasheet
152Kb / 4P
   NPN SILICON DARLINGTONS
BDX67 COMSET-BDX67 Datasheet
145Kb / 4P
   NPN SILICON DARLINGTONS
2N3055 COMSET-2N3055_12 Datasheet
76Kb / 3P
   NPN SILICON DARLINGTONS
BDX65 COMSET-BDX65 Datasheet
161Kb / 4P
   NPN SILICON DARLINGTONS
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com