Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0430WQLC-T Datasheet(PDF) 9 Page - AZ Displays

Part # P0430WQLC-T
Description  Tentative Product Specification
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

P0430WQLC-T Datasheet(HTML) 9 Page - AZ Displays

Back Button P0430WQLC-T Datasheet HTML 5Page - AZ Displays P0430WQLC-T Datasheet HTML 6Page - AZ Displays P0430WQLC-T Datasheet HTML 7Page - AZ Displays P0430WQLC-T Datasheet HTML 8Page - AZ Displays P0430WQLC-T Datasheet HTML 9Page - AZ Displays P0430WQLC-T Datasheet HTML 10Page - AZ Displays P0430WQLC-T Datasheet HTML 11Page - AZ Displays P0430WQLC-T Datasheet HTML 12Page - AZ Displays P0430WQLC-T Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
Document No.:
6. Electro-Optical Characteristic:
Items
Symbol
Min
Typ.
Max
Unit
Remark
Operating Luminance
L
170
200
230
Cd/m2
(1)(5)
Power Consumption
Pon
700
950
mW
30% pixels
on (1)
Maximum Current
Icc
220
302
mA
(1)
Response Time
Tres
50
uS
(2)
CIEx (White)
Wx
0.23
0.28
0.33
-
(5)
CIEy (White)
Wy
0.25
0.30
0.35
-
(5)
CIEx (Red)
Rx
0.615
0.655
0.695
-
(5)
CIEy( Red)
Ry
0.300
0.340
0.380
-
(5)
CIEx (Green)
Gx
0.195
0.235
0.275
-
(5)
CIEy( Green)
Gy
0.610
0.650
0.690
-
(5)
CIEx (Blue)
Bx
0.100
0.140
0.180
-
(5)
CIEy( Blue)
By
0.105
0.145
0.185
-
(5)
Viewing Angle
VA
160
170
Degree
(3)
Contrast
CR
5000:1 10000:1
(4)
Operation Lifetime
LTop
30000
Hrs
(1)(6)
Note:
Measuring surrounding: dark room
Surrounding temperature: 25oC
(1) Test condition:
a. AR_VDD= 5.2V +/-0.03V, AR_VSS= -4.8V +/-0.03V
b. IC Initial Register Setting:
24-bit parallel RGB (DE)
Ver. 5
Index_out(0x04); Parameter_out(0x23); //set display mode 24-bit parallel RGB (DE)
Index_out(0x05); Parameter_out(0x82); //set display mode
Index_out(0x07); Parameter_out(0x0F); //set driver capability
Index_out(0x34); Parameter_out(0x18); //set display timing
Index_out(0x35); Parameter_out(0x28); //set display timing
Index_out(0x36); Parameter_out(0x16); //set display timing
Index_out(0x37); Parameter_out(0x01); //set display timing
Index_out(0x02); Parameter_out(0x02); //OTP On


Similar Part No. - P0430WQLC-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
P0430WQLB-T AZDISPLAYS-P0430WQLB-T Datasheet
2Mb / 21P
   Tentative Product Specification
More results

Similar Description - P0430WQLC-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
P0340WQLC-T AZDISPLAYS-P0340WQLC-T Datasheet
1Mb / 20P
   Tentative Product Specification
P0340WQLB-T AZDISPLAYS-P0340WQLB-T Datasheet
1Mb / 21P
   Tentative Product Specification
P0430WQLB-T AZDISPLAYS-P0430WQLB-T Datasheet
2Mb / 21P
   Tentative Product Specification
logo
Fuji Electric
1MBI150SH-140 FUJI-1MBI150SH-140 Datasheet
168Kb / 2P
   Tentative target specification
logo
AZ Displays
G141I1-L01 AZDISPLAYS-G141I1-L01 Datasheet
1Mb / 26P
   TFT LCD Tentative Specification
logo
Chi Mei Corporation.
M185B1-L02 CHIMEI-M185B1-L02 Datasheet
804Kb / 25P
   TFT LCD Tentative Specification
logo
AZ Displays
G104X1-L03 AZDISPLAYS-G104X1-L03 Datasheet
725Kb / 27P
   TFT LCD Tentative Specification
logo
Isahaya Electronics Cor...
RT8H042C ISAHAYA-RT8H042C Datasheet
194Kb / 4P
   This is tentative specification
logo
Chi Mei Corporation.
M236H1-L01 CHIMEI-M236H1-L01 Datasheet
782Kb / 26P
   TFT LCD Tentative Specification
logo
AZ Displays
G121X1-L03 AZDISPLAYS-G121X1-L03 Datasheet
623Kb / 26P
   TFT LCD Tentative Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com