Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA035XSJ Datasheet(PDF) 10 Page - AZ Displays

Part # PA035XSJ
Description  TECHNICAL SPECIFICATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSJ Datasheet(HTML) 10 Page - AZ Displays

Back Button PA035XSJ Datasheet HTML 6Page - AZ Displays PA035XSJ Datasheet HTML 7Page - AZ Displays PA035XSJ Datasheet HTML 8Page - AZ Displays PA035XSJ Datasheet HTML 9Page - AZ Displays PA035XSJ Datasheet HTML 10Page - AZ Displays PA035XSJ Datasheet HTML 11Page - AZ Displays PA035XSJ Datasheet HTML 12Page - AZ Displays PA035XSJ Datasheet HTML 13Page - AZ Displays PA035XSJ Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
PA035XSJ
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:10
Power Consumption
Ta=
25 ℃
Parameter
Symbol
Conditions
TYP.
Unit Remark
LCD Panel Power Consumption
30.57
mW Note 8-6
Backlight Lamp Power Consumption
0.80
W
Note 8-7
Total Power Consumption
0.83
W
Note 8-6:The power consumption for backlight is not included.
Note 8-7:Backlight lamp power consumption is calculated by IL×VL.
8-4) Input / Output Connector
A) Backlight Connector
JST BHR-03VS-1,
Pin No. : 3 ,
Pitch : 4mm
8-5) Timing Characteristics Of Input Signals
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Remark
1Field Scanning Period
t1V
-
262.5
-
H
1Line Scanning Period
t1H
-
63.5
-
µs
Source Driver Operating Frequency
fhc
1.0
3.14
5.0
MHz
Signal Sampling Pulse Width
tchw
200
317.7
1000
ns
Signal Sampling Pulse Delay
tchd
95.3
105.9
116.5
ns
tchd 12,23
Signal Sampling Pulse Width(H)
tchwh
142.9
158.8
174.7
ns
Signal Sampling Pulse Delay(L)
tchwl
142.9
158.8
174.7
ns
Source Start Signal Pulse Width
tshw
90
317.7
630*
ns
*tshset=tshhld
Source Start Signal Setup Time
tshset
20
158.8
-
ns
Source Start Signal Hold Time
tshhld
20
158.8
-
ns
Source Output Enable Pulse Width
tohw
1.0
2.0
-
µs
Source Start Signal Rising Time
tss
-
9.8
-
µs
Video Input Signal Start Point
tvs
-
10.0
-
µs
Phase Difference Between OEH&CPV
toc
1.5
2.3
-
µs
Gate Clock Period
tcvw
10
63.5
-
µs
Gate Clock Pulse Width(H)
tcvwh
10
31.7
48
µs
Gate Clock Pulse Width(L)
tcvwl
10
31.7
48
µs
Gate Start Signal Pulse Width
tsvw
5
63.5
126**
µs
**tsvset=tsvhld
Gate Start Signal Setup Time
tsvset
5
53.2
-
µs
Gate Start Signal Hold Time
tsvhld
5
10.3
-
µs
Phase Difference Between OEH&STH
tosp
-
4
-
µs
Phase Difference Between SYNC&OEH
tohs
-
1.4
-
µs
Gate Output Enable Pulse Width
toev
-
2.5
-
µs
VCOM Delay Time
tDCOM
-
-
3
µs
RGB Delay Time
tDRGB
-
-
2
µs
Vertical Display Start
tsv
-
3
-
tH


Similar Part No. - PA035XSJ

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PA035XSE AZDISPLAYS-PA035XSE Datasheet
649Kb / 28P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XSL AZDISPLAYS-PA035XSL Datasheet
635Kb / 27P
   This technical specification applies to 3.5inch color TFT-LCD panel.
More results

Similar Description - PA035XSJ

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com