Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD035OX1 Datasheet(PDF) 8 Page - AZ Displays

Part # PD035OX1
Description  TECHNICAL SPECIFICATION
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX1 Datasheet(HTML) 8 Page - AZ Displays

Back Button PD035OX1_08 Datasheet HTML 4Page - AZ Displays PD035OX1_08 Datasheet HTML 5Page - AZ Displays PD035OX1_08 Datasheet HTML 6Page - AZ Displays PD035OX1_08 Datasheet HTML 7Page - AZ Displays PD035OX1_08 Datasheet HTML 8Page - AZ Displays PD035OX1_08 Datasheet HTML 9Page - AZ Displays PD035OX1_08 Datasheet HTML 10Page - AZ Displays PD035OX1_08 Datasheet HTML 11Page - AZ Displays PD035OX1_08 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
PD035OX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:8
Note 5-14 : IF1,IF2 control the input data format.
IF2,IF1
Input data format
L,L (default)
Serial RGB
L,H
Parallel RGB
H,L
CCIR601
H,H
CCIR656
Note 5-15 : When POL=L, output voltage is negative polarity.
When POL=H, output voltage is positive polarity.
6. Absolute Maximum Ratings
VSS1=VSS2=0 V Ta = 25
Parameter
Symbol
MIN.
MAX.
Unit Remark
VCC
-0.3
+7.0
V
Supply voltage for source driver
VDD2
-0.3
+7.0
V
VDD1
-0.3
+7.0
V
H Level VGH
-0.3
+32.0
V
L Level VEE
-22.0
+0.3
V
Supply voltage for gate driver
VGH-VEE
-0.3
+45.0
V
Input signal voltage
VIN
-0.3
VDD+0.3
V


Similar Part No. - PD035OX1_08

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
608Kb / 33P
   This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
More results

Similar Description - PD035OX1_08

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com