Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD035QU1 Datasheet(PDF) 10 Page - AZ Displays

Part # PD035QU1
Description  TECHNICAL SPECIFICATION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035QU1 Datasheet(HTML) 10 Page - AZ Displays

Back Button PD035QU1 Datasheet HTML 6Page - AZ Displays PD035QU1 Datasheet HTML 7Page - AZ Displays PD035QU1 Datasheet HTML 8Page - AZ Displays PD035QU1 Datasheet HTML 9Page - AZ Displays PD035QU1 Datasheet HTML 10Page - AZ Displays PD035QU1 Datasheet HTML 11Page - AZ Displays PD035QU1 Datasheet HTML 12Page - AZ Displays PD035QU1 Datasheet HTML 13Page - AZ Displays PD035QU1 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PD035QU1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:10
6.4Mechanical &Reliability Characteristics
Item
Min
Typ
Max
Unit
Note
Activation force
-
-
100
G
Note6-4
Durability-surface scratching
Write 100,000
-
-
Characters
Note6-5
Durability-surface pitting
1,000,000
-
-
Touches
Note6-6
Surface hardness
3
-
-
H
JIS
K5400,ASTM
D3363
Note 6-4:Stylus pen Input :R 0.8mm polyacetal pen or finger
Note 6-5:Measurement for surface area
-100,000 times or over
-Writing with R0.8mm plastic stylus pen; writing force 150g in active area.
-Speed is 60mm / sec(each direction inside active area 3 mm)
Note 6-6:1,000,000 times or over(No damage on film surface)
-Pen: point with R 0.8mm silicon rubber
-Load:250g
-frequency: 240 times/ min
-Measurement position:1point of touch penal active area
Repeated; over 1,000,000 tiems
7. Absolute Maximum Ratings:
GND=0V, Ta=25
Parameters
Symbol
Condition
Min.
MAX.
Unit
Remark
Power Voltage
DVDD,AVDD
GND=0
-0.3
5.0
V
Input Signal Voltage
Vin
GND=0
-0.3
VDD+0.3
V
Note 7-1
Logic Output Voltage
Vout
GND=0
-0.3
VDD+0.3
V
Note 7-1
Note 7-1:Device is subject to be damaged permanently if stresses beyond those absolute maximum
ratings listed above
1.T
60 C,90% RH Max
T
60 C, absolute humidity shall be less than 90% RH at 60 C


Similar Part No. - PD035QU1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035QU2 AZDISPLAYS-PD035QU2 Datasheet
1Mb / 25P
   TECHNICAL SPECIFICATION
More results

Similar Description - PD035QU1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com