Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LURF42741-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LURF42741-PF
Description  SUPER BRIGHT TOWER TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LURF42741-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LURF42741-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LURF42741-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LURF42741-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LURF42741-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LURF42741-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LURF42741-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
600
Wavelength (nm)
550
0
700
650
0.5
0.5
20
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
1.0
Ambient Temperature(
)
0.8
-0
-20
-40
60
40
20
80
100
0
-40
-20
-0
60
40
80
100
Fig.4 Relative Intensity vs. Temperature
2.5
1.0
0.9
1.1
1.5
1.0
2.0
Fig.3 Forward Voltage vs. Temperature
1.2
3.0
100
Forward Current(mA)
Forward Voltage(V)
1.5
1.0
0.1
2.5
2.0
3.0
1.0
10
0
1.0
10
0.5
1.0
1.5
2.0
100
1000
Fig.2 Relative Intensity vs. Forward Current
Fig.1 Forward current vs. Forward Voltage
1000
3.5
2.5
Typical Electro-Optical Characteristics Curve
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3.0
URF CHIP
3/5
Page
PART NO.LURF42741-PF


Similar Part No. - LURF42741-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURF42741-C2 LIGITEK-LURF42741-C2 Datasheet
103Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
More results

Similar Description - LURF42741-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR1130-PF LIGITEK-LSR1130-PF Datasheet
111Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVG42741 LIGITEK-LVG42741 Datasheet
102Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LHRF11240-PF LIGITEK-LHRF11240-PF Datasheet
111Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LSR3333 LIGITEK-LSR3333 Datasheet
544Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LSE11241 LIGITEK-LSE11241 Datasheet
70Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVG1340 LIGITEK-LVG1340 Datasheet
73Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LUE21233 LIGITEK-LUE21233 Datasheet
93Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVY42741-PF LIGITEK-LVY42741-PF Datasheet
108Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LUR11240H-S4-PF LIGITEK-LUR11240H-S4-PF Datasheet
112Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LSR11243-PF LIGITEK-LSR11243-PF Datasheet
110Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com