Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD050QX2 Datasheet(PDF) 7 Page - AZ Displays

Part # PD050QX2
Description  TECHNICAL SPECIFICATION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD050QX2 Datasheet(HTML) 7 Page - AZ Displays

Back Button PD050QX2 Datasheet HTML 3Page - AZ Displays PD050QX2 Datasheet HTML 4Page - AZ Displays PD050QX2 Datasheet HTML 5Page - AZ Displays PD050QX2 Datasheet HTML 6Page - AZ Displays PD050QX2 Datasheet HTML 7Page - AZ Displays PD050QX2 Datasheet HTML 8Page - AZ Displays PD050QX2 Datasheet HTML 9Page - AZ Displays PD050QX2 Datasheet HTML 10Page - AZ Displays PD050QX2 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
PD050QX2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:7
CN 2
Pin No.
Symbol
Function
Remark
1
VCOM
Voltage for common electrode
Note 5-7
2
VSET
Externally/Internally gamma voltage setup
Note 5-11
3
VDDA
Analog power supply for source driver
Note 5-2
4
V10
Gamma correction voltage 10
5
NC
NC
6
V9
Gamma correction voltage 9
7
V8
Gamma correction voltage 8
8
V7
Gamma correction voltage 7
9
NC
NC
10
V6
Gamma correction voltage 6
11
V5
Gamma correction voltage 5
12
NC
NC
13
V4
Gamma correction voltage 4
14
V3
Gamma correction voltage 3
15
V2
Gamma correction voltage 2
16
NC
NC
17
V1
Gamma correction voltage 1
18
VSSA
Analog ground for source drive
19
L/R
Left/Right control for source driver
Note 5-12
20
U/D
Up/Down control for gate driver
Note 5-12
21
GND
Digital ground
22
VCC1
Digital power supply for source driver
Note 5-6
23
RESETB
Hardware global reset
24
SPDA
Serial port data input/output
25
SPCK
Serial port clock
26
SPENA
Serial port data enable signal
27
DEN
Input data enable control
Note 5-5
28
HS
Vertical sync input
Note 5-3
29
VS
Horizontal sync input
Note 5-4
30
CLK
Clock signal. Latching data at the rising edge
P-511-446(V:3)


Similar Part No. - PD050QX2

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
More results

Similar Description - PD050QX2

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com