Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD050VX6 Datasheet(PDF) 4 Page - AZ Displays

Part # PD050VX6
Description  TECHNICAL SPECIFICATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD050VX6 Datasheet(HTML) 4 Page - AZ Displays

  PD050VX6 Datasheet HTML 1Page - AZ Displays PD050VX6 Datasheet HTML 2Page - AZ Displays PD050VX6 Datasheet HTML 3Page - AZ Displays PD050VX6 Datasheet HTML 4Page - AZ Displays PD050VX6 Datasheet HTML 5Page - AZ Displays PD050VX6 Datasheet HTML 6Page - AZ Displays PD050VX6 Datasheet HTML 7Page - AZ Displays PD050VX6 Datasheet HTML 8Page - AZ Displays PD050VX6 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
PD050VX6
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:4
1.Application
PD050VX6 module applies to computer peripheral, industrial meter, car TV, image
communication and multi-media, which requires high quality flat panel display. If you must use in
severe reliability environment, please don’t extend over PVI’s reliability test conditions. PVI’s
reliability test conditions.
If you use PD050VX6, Prime View advises your systems use PVI’s timing controller IC
(PVI-2003A) which will generate proper timing signals to control it.
2.Features
. VGA (640*480 pixels) resolution
. Amorphous silicon TFT LCD panel with LED B/L
. Pixel in stripe configuration
3.Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
5.0(diagonal)
inch
Display Format
640 (R, G, B) 480
dot
Display Colors
262K
Active Area
101.76(H) 74.88(V)
mm
Pixel Pitch
0.159(H) 0.156(V)
mm
Pixel Configuration
Stripe
Outline Dimension
119.3(H) 91.4(V) 7.9(D)
mm
Weight
120+10
g
Surface treatment
Anti-glare and SWV film
Back-light
24-LED
Display mode
Normally white
Gray scale inversion direction
6
(ref to Note 13-1)
o’clock
P-511-415(V:2)


Similar Part No. - PD050VX6

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD050VX2 AZDISPLAYS-PD050VX2 Datasheet
844Kb / 27P
   TECHNICAL SPECIFICATION
PD050VX4 AZDISPLAYS-PD050VX4 Datasheet
936Kb / 27P
   TECHNICAL SPECIFICATION
PD050VXB AZDISPLAYS-PD050VXB Datasheet
1Mb / 27P
   color TFT LCD module
More results

Similar Description - PD050VX6

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com