Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD064VT4_V8 Datasheet(PDF) 7 Page - AZ Displays

Part # PD064VT4_V8
Description  TECHNICAL SPECIFICATION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT4_V8 Datasheet(HTML) 7 Page - AZ Displays

Back Button PD064VT4_V8 Datasheet HTML 3Page - AZ Displays PD064VT4_V8 Datasheet HTML 4Page - AZ Displays PD064VT4_V8 Datasheet HTML 5Page - AZ Displays PD064VT4_V8 Datasheet HTML 6Page - AZ Displays PD064VT4_V8 Datasheet HTML 7Page - AZ Displays PD064VT4_V8 Datasheet HTML 8Page - AZ Displays PD064VT4_V8 Datasheet HTML 9Page - AZ Displays PD064VT4_V8 Datasheet HTML 10Page - AZ Displays PD064VT4_V8 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PD064VT4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
Page:7
Note 5-2 : DENB input signal.
If customer wanted to off the DENB mode , you must keep the DENB (pin 27) always
High or Low.
800 tc
DENB
640 tc
(tc: the period of sampling clock)
Note 5-3 : VCC (TYP.)=+5V
Note 5-4 , 5-5 : The definitions of U/D & R/L
R/L(PIN 30)= High , U/D(PIN 31)= Low
R/L(PIN 30)= Low , U/D(PIN 31)= High
6. Absolute Maximum Ratings :
The followings are maximum values , which if exceeded, may cause faulty operation or damage to
the unit.
GND=0V, Ta=25℃
Parameters
Symbol
MIN.
MAX.
Unit
Remark
Supply Voltage
VCC
-0.3
+7.0
V
Input Signals Voltage
Vsig
-0.3
VCC+0.3
V
Note 6-1
Note 6-1 : Input signals include CLK , Hsync , Vsync , DENB , R[0:5] , G[0:5] and B[0:5].


Similar Part No. - PD064VT4_V8

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD064VT4 AZDISPLAYS-PD064VT4 Datasheet
615Kb / 23P
   This product applies computer peripheral , industrial meter , image communication and multi-media.
More results

Similar Description - PD064VT4_V8

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com