Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC225B Datasheet(PDF) 1 Page - Comset Semiconductor

Part # TIC225B
Description  SILICON BIDIRECTIONAL TRIODE THYRISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC225B Datasheet(HTML) 1 Page - Comset Semiconductor

  TIC225B Datasheet HTML 1Page - Comset Semiconductor TIC225B Datasheet HTML 2Page - Comset Semiconductor TIC225B Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TIC225A, TIC225B, TIC225C, TIC225D, TIC225E, TIC225M,
TIC225N, TIC225S
Page 1 of 3
SEMICONDUCTORS
DESCRIPTION
This device is a bidirectional triode thyristor (triac) which may be triggered from the off-state
to the on-state by either polarity of gate signal with main Terminal 2 at either polarity.
ABSOLUTE MAXIMUM RATINGS
Value
Unit
Symbol
Ratings
A
B
C
D
E
M
S
N
VDRM
Repetitive peak off-state voltage
(see Note1)
100 200 300 400 500 600 700 800
V
IT(RMS)
Full-cycle RMS on-state current at (or
below) 70°C case temperature (see note2)
8
A
ITSM
Peak on-state surge current full-sine-wave
(see Note3)
70
A
ITSM
Peak on-state surge current half-sine-wave
(see Note4)
8
A
IGM
Peak gate current
± 1
A
PGM
Peak gate power dissipation at (or below)
85°C case temperature (pulse width ≤200
µs)
2.2
W
PG(AV)
Average gate power dissipation at (or
below) 85°C case (see Note5)
0.9
W
TC
Operating case temperature range
-40 to +110
°C
Tstg
Storage temperature range
-40 to +125
°C
TL
Lead temperature 1.6 mm from case for 10
seconds
230
°C
SILICON BIDIRECTIONAL TRIODE THYRISTOR
Sensitive gate triacs
8 A RMS
70 A Peak
Glass Passivated Wafer
100 V to 800 V Off-State Voltage
Max IGT of 50 mA (Quadrants 1)
Compliance to ROHS


Similar Part No. - TIC225B

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC225B COMSET-TIC225B Datasheet
164Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
More results

Similar Description - TIC225B

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC226A COMSET-TIC226A_12 Datasheet
165Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC206A COMSET-TIC206A_12 Datasheet
164Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC246B COMSET-TIC246B_12 Datasheet
164Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226A COMSET-TIC226A Datasheet
212Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC246B COMSET-TIC246B Datasheet
210Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC206A COMSET-TIC206A Datasheet
208Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC225A COMSET-TIC225A_12 Datasheet
164Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC216A COMSET-TIC216A Datasheet
209Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
Digitron Semiconductors
SC250 DIGITRON-SC250 Datasheet
331Kb / 4P
   BIDIRECTIONAL TRIODE THYRISTOR
logo
American Microsemicondu...
AM-SJST60 AMMSEMI-AM-SJST60 Datasheet
537Kb / 2P
   Bidirectional Triode Thyristor (TRIAC)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com