Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUROS53133-L39-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LUROS53133-L39-PF
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUROS53133-L39-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LUROS53133-L39-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUROS53133-L39-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUROS53133-L39-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUROS53133-L39-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUROS53133-L39-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUROS53133-L39-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.0
0.5
700
650
600
550
0
70
60
50
40
30
20
Page 3/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typical Electro-Optical Characteristics Curve
4.0
2.0
3.0
Fig.2 Relative Intensity vs. Forward Current
0
10
1.0
1.0
Fig.4 Relative Intensity vs. Temperature
Forward Current(mA)
UROS CHIP
50
30
70
2.4
2.0
2.2
Forward Voltage(V)
0
1.8
-0.01
Fig.3 Forward Voltage vs. Temperature
10
Fig.1 Forward current vs. Forward Voltage
2.6
0.9
0.8
0.7
0.6
Ambient Temperature(
)
80
70
60
40
50
-0.03
-0.02
30
-0.04
20
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
90
Wavelength (nm)
2.7
0
5.0
0.00
90
20
30
50
40
60
70
80
PART NO. LUROS53133/L39-PF


Similar Part No. - LUROS53133-L39-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUROS13732-S15-PF LIGITEK-LUROS13732-S15-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LUROS13743-S13-AM LIGITEK-LUROS13743-S13-AM Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LUROS3333-S174-PF LIGITEK-LUROS3333-S174-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LUROS9553-4-TR1 LIGITEK-LUROS9553-4-TR1 Datasheet
138Kb / 8P
   PLCC-4 TOPLED
More results

Similar Description - LUROS53133-L39-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com