Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUY2040 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LUY2040
Description  ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUY2040 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LUY2040 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUY2040 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUY2040 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUY2040 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUY2040 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wavelength (nm)
0
500
550
0.5
600
650
20
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature( )
1.0
-40
0.8
-20
0
1.1
0.9
1.0
1.2
20
Ambient Temperature( )
40
60
100
80
-40
0
-20
0
40
60
100
80
Fig.4 Relative Intensity vs. Temperature
0.5
1.0
1.5
2.0
2.5
3.0
Forward Voltage(V)
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
1.0
0.1
2.0
1.0
10
1000
100
UY CHIP
2.0
Forward Current(mA)
3.0
4.0
5.0
1.0
0
10
1.0
0.5
1.5
100
1000
Fig.2 Relative Intensity vs. Forward Current
2.5
3.0
PART NO. LUY2040
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3/4
Page


Similar Part No. - LUY2040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LUY2043 ETC2-LUY2043 Datasheet
100Kb / 5P
   ROUND TYPE LED LAMPS
logo
LIGITEK electronics co....
LUY2043 LIGITEK-LUY2043 Datasheet
104Kb / 5P
   ROUND TYPE LED LAMPS
LUY2043-PF-B01 LIGITEK-LUY2043-PF-B01 Datasheet
110Kb / 6P
   SUPER BGIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LUY2040

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com