Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS240LT3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MBRS240LT3
Description  Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRS240LT3 Datasheet(HTML) 3 Page - Motorola, Inc

  MBRS240LT3 Datasheet HTML 1Page - Motorola, Inc MBRS240LT3 Datasheet HTML 2Page - Motorola, Inc MBRS240LT3 Datasheet HTML 3Page - Motorola, Inc MBRS240LT3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBRS240LT3
3
Rectifier Device Data
Figure 7. Capacitance
Figure 8. Maximum Non–Repetitive
Forward Surge Current
Figure 9. Thermal Response
30
0
VR, REVERSE VOLTAGE (VOLTS)
1000
100
1.0
PULSE WIDTH (
µSEC)
10000
1.0
10
15
5.0
10
20
25
35
40
1000
10
100
100
1000
TJ = 25°C
0.1
0.00001
t, TIME (s)
1.0E+00
1.0E–01
1.0E–02
1.0E–03
1.0E–04
0.0001
0.001
0.01
1.0
10
100
1000
50%
20%
10%
5.0%
2.0%
1.0%
Rtjl(t) = Rtjl*r(t)
10
0.108
2.743
mm
inches
0.089
2.261
0.085
2.159
SMB


Similar Part No. - MBRS240LT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS240LT3 ONSEMI-MBRS240LT3 Datasheet
58Kb / 4P
   Surface Mount Schottky Power Rectifier
August, 2005 ??Rev. 4
logo
Analog Devices
MBRS240LT3 AD-MBRS240LT3 Datasheet
690Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
logo
ON Semiconductor
MBRS240LT3 ONSEMI-MBRS240LT3 Datasheet
106Kb / 4P
   Surface Mount Schottky Power Rectifier
November, 2008 ??Rev. 5
MBRS240LT3G ONSEMI-MBRS240LT3G Datasheet
58Kb / 4P
   Surface Mount Schottky Power Rectifier
August, 2005 ??Rev. 4
MBRS240LT3G ONSEMI-MBRS240LT3G Datasheet
106Kb / 4P
   Surface Mount Schottky Power Rectifier
November, 2008 ??Rev. 5
More results

Similar Description - MBRS240LT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS22T3G ONSEMI-SS22T3G_V01 Datasheet
201Kb / 6P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
March, 2020 - Rev. 8
MBRS2040LT3G ONSEMI-MBRS2040LT3G Datasheet
307Kb / 6P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
December, 2019 - Rev. 6
MBRS1540T3 ONSEMI-MBRS1540T3 Datasheet
70Kb / 5P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
August, 2005 ??Rev. 3
logo
Motorola, Inc
MBRS2040LT3 MOTOROLA-MBRS2040LT3 Datasheet
134Kb / 4P
   Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
logo
ON Semiconductor
NRVBA2H100T3G ONSEMI-NRVBA2H100T3G Datasheet
120Kb / 7P
   Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
December, 2012 ??Rev. 8
MBRS2H100T3G ONSEMI-MBRS2H100T3G_09 Datasheet
141Kb / 8P
   Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
March, 2009 ??Rev. 5
MBRS2H100T3G ONSEMI-MBRS2H100T3G_V01 Datasheet
245Kb / 8P
   Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
January, 2022 - Rev. 14
logo
Motorola, Inc
MBRS140LT3 MOTOROLA-MBRS140LT3 Datasheet
139Kb / 4P
   Surface Mount Schottky Power Rectifier(SMB Power Mount Power Package)
logo
ON Semiconductor
MBRA1H100T3G ONSEMI-MBRA1H100T3G Datasheet
122Kb / 5P
   Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
January, 2012 ??Rev. 2
MBRA340T3 ONSEMI-MBRA340T3_06 Datasheet
54Kb / 5P
   Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
October, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com