Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC226S Datasheet(PDF) 3 Page - Comset Semiconductor

Part # TIC226S
Description  SILICON BIDIRECTIONAL TRIODE THYRISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC226S Datasheet(HTML) 3 Page - Comset Semiconductor

  TIC226S Datasheet HTML 1Page - Comset Semiconductor TIC226S Datasheet HTML 2Page - Comset Semiconductor TIC226S Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TIC226A, TIC226B, TIC226C, TIC226D, TIC226E, TIC226M,
TIC226N, TIC226S
Page 3 of 3
SEMICONDUCTORS
Note 6: This parameters must be measured using pulse techniques, tW = ≤1ms, duty cycle ≤ 2 %, voltage-sensing
contacts, separate from the courrent-carrying contacts are located within 3.2mm (1/8 inch) from de device body.
Note 7: The triacs are triggered by a 15-V (open circuit amplitude) pulse supplied by a generator with the
following characteristics : RG = 100Ω, tp(g) = 20 µs, tr = ≤ 15ns, f = 1 kHz.
MECHANICAL DATA CASE TO-220
Pin 1 :
Main Terminal 1
Pin 2 :
Main Terminal 2
Pin 3 :
Gate


Similar Part No. - TIC226S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC226S POINN-TIC226S Datasheet
158Kb / 6P
   SILICON TRIACS
logo
Comset Semiconductor
TIC226S COMSET-TIC226S Datasheet
210Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226S COMSET-TIC226S Datasheet
165Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
New Jersey Semi-Conduct...
TIC226S NJSEMI-TIC226S Datasheet
112Kb / 2P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC226S BOURNS-TIC226S Datasheet
181Kb / 4P
   SILICON TRIACS
More results

Similar Description - TIC226S

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC226A COMSET-TIC226A_12 Datasheet
165Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC225A COMSET-TIC225A Datasheet
211Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC206A COMSET-TIC206A_12 Datasheet
164Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC246B COMSET-TIC246B_12 Datasheet
164Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC246B COMSET-TIC246B Datasheet
210Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC206A COMSET-TIC206A Datasheet
208Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC225A COMSET-TIC225A_12 Datasheet
164Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC216A COMSET-TIC216A Datasheet
209Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
Digitron Semiconductors
SC250 DIGITRON-SC250 Datasheet
331Kb / 4P
   BIDIRECTIONAL TRIODE THYRISTOR
logo
American Microsemicondu...
AM-SJST60 AMMSEMI-AM-SJST60 Datasheet
537Kb / 2P
   Bidirectional Triode Thyristor (TRIAC)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com