Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM070WT3 Datasheet(PDF) 10 Page - AZ Displays

Part # PM070WT3
Description  TECHNICAL SPECIFICATION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PM070WT3 Datasheet(HTML) 10 Page - AZ Displays

Back Button PM070WT3 Datasheet HTML 6Page - AZ Displays PM070WT3 Datasheet HTML 7Page - AZ Displays PM070WT3 Datasheet HTML 8Page - AZ Displays PM070WT3 Datasheet HTML 9Page - AZ Displays PM070WT3 Datasheet HTML 10Page - AZ Displays PM070WT3 Datasheet HTML 11Page - AZ Displays PM070WT3 Datasheet HTML 12Page - AZ Displays PM070WT3 Datasheet HTML 13Page - AZ Displays PM070WT3 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PM070WT3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:10
7.Absolute Maximum Ratings:
GND=0V, Ta=25
Parameters
Symbol
MIN.
MAX.
Unit
Remark
Supply Voltage
VCC
-0.3
+4.0
V
Input Signals Voltage
VIN
-0.3
VCC +0.3
V
Backlight Driving Frequency
FL
0
100
KHz
8.Electrical Characteristics
8-1) Recommended Operating Conditions:
GND = 0V
Ta = 25
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Supply Voltage
VCC
3.0
3.3
3.6
V
Current Dissipation
ICC
-
178.3
194.5
mA
Note 8-1
High Level
VIN
0.7 V
CC
-
VCC
mV
Digital input voltage
Low Level
VIL
-0.1
-
0.1VCC
Vcom Voltage
Vcom
-
3.1
-
V
Note 8-1 : To test the current dissipation of VCC using the “color bars” testing pattern shown as
below
1
23
45
67
8
1.
White
2.
Yellow
3.
Cyan
4.
Green
5.
Magenta
6.
Red
7.
Blue
8.
Black
ICC current dissipation testing pattern


Similar Part No. - PM070WT3

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
PM070WT4 AZDISPLAYS-PM070WT4 Datasheet
818Kb / 24P
   TECHNICAL SPECIFICATION
More results

Similar Description - PM070WT3

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com