Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZP94 Datasheet(PDF) 6 Page - Arizona Microtek, Inc

Part # AZP94
Description  ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP94 Datasheet(HTML) 6 Page - Arizona Microtek, Inc

Back Button AZP94 Datasheet HTML 2Page - Arizona Microtek, Inc AZP94 Datasheet HTML 3Page - Arizona Microtek, Inc AZP94 Datasheet HTML 4Page - Arizona Microtek, Inc AZP94 Datasheet HTML 5Page - Arizona Microtek, Inc AZP94 Datasheet HTML 6Page - Arizona Microtek, Inc AZP94 Datasheet HTML 7Page - Arizona Microtek, Inc AZP94 Datasheet HTML 8Page - Arizona Microtek, Inc AZP94 Datasheet HTML 9Page - Arizona Microtek, Inc AZP94 Datasheet HTML 10Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AZP94
June 2009 Rev - 6
www.azmicrotek.com
6
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Min
Max
Unit
VOH
Output HIGH Voltage1,2
3915
4120
3975
4120
3975
4120
3975
4120
mV
VOL
Output LOW Voltage1,2
3100
3445
3100
3380
3100
3380
3100
3380
mV
VIH
Input HIGH Voltage1
D/D
¯ , EN (PECL)3
EN (CMOS)4
3835
2000
4260
VCC
3835
2000
4260
VCC
3835
2000
4260
VCC
3835
2000
4260
VCC
mV
VIL
Input LOW Voltage1
D/D
¯ , EN (PECL)3
EN (CMOS)4
3100
GND
3525
800
3100
GND
3525
800
3100
GND
3525
800
3100
GND
3525
800
mV
VBB
Reference Voltage1
3610
3750
3610
3750
3610
3750
3610
3750
mV
IIH
Input HIGH Current EN
150
150
150
150
μA
IIL
Input LOW Current
EN (PECL)3
EN (CMOS)4
0.5
-150
0.5
-150
0.5
-150
0.5
-150
μA
IEE
Power Supply Current2
34
34
34
37
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Specified with outputs terminated through 50
Ω resistors to VCC - 2V.
3.
EN-SEL connected to VEE through a 20kΩ resistor
4.
EN-SEL connected VEE or left open (NC)
AC Characteristics (VEE = -3.0V to -5.5V; VCC = GND or VEE = GND; VCC = +3.0V to +5.5V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH / tPHL
Propagation Delay
D to Q/Q
¯ Outputs1
(SE)
EN to Q/Q
¯ Outputs1,2
450
3000
450
3000
450
3000
450
3000
ps
tSKEW
Duty Cycle Skew3
(SE)
5
20
5
20
5
20
5
20
ps
VPP (AC)
Differential Input Swing4
150
1000
150
1000
150
1000
150
1000
mV
tr / tf
Output Rise/Fall1
(20% - 80%)
100
240
100
240
100
240
100
240
ps
1.
Specified with outputs terminated through 50
Ω resistors to VCC - 2V.
2.
Specified from 50% EN input edge to VOH min or VOL max of the Q/Q
¯ outputs
3.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
4.
The peak-to-peak differential input swing is the range for which AC parameters are guaranteed. The device has a voltage gain of
≈ 100.
AC PP INPUT
D
D
VPP (AC)


Similar Part No. - AZP94

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94NAG AZM-AZP94NAG Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94NAG AZM-AZP94NAG Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94XP AZM-AZP94XP Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
More results

Similar Description - AZP94

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92_1308 AZM-AZP92_1308 Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com