Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUY9353 Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LUY9353
Description  AXIAL TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUY9353 Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LUY9353 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUY9353 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUY9353 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUY9353 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUY9353 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUY9353 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUY9353 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
Solder Resistance
Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
This test intended to see soldering well
performed or not.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
Description
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
The purpose of this test is the resistance
of the device under tropical for hous.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
Thermal Shock Test
High Temperature
High Humidity Test
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
Low Temperature
Storage Test
Operating Life Test
LUY9353
PART NO. :
Reliability Test:
Test Item
Test Condition
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
6/6
Page
Reference
Standard


Similar Part No. - LUY9353

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY9353H LIGITEK-LUY9353H Datasheet
114Kb / 7P
   AXIAL TYPE LED LAMPS
More results

Similar Description - LUY9353

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURF9033 LIGITEK-LURF9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LVG9353 LIGITEK-LVG9353 Datasheet
84Kb / 7P
   AXIAL TYPE LED LAMPS
LHRF9033 LIGITEK-LHRF9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LHY9033 LIGITEK-LHY9033 Datasheet
123Kb / 7P
   AXIAL TYPE LED LAMPS
LUE9033 LIGITEK-LUE9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LUY9033 LIGITEK-LUY9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LG9033 LIGITEK-LG9033 Datasheet
123Kb / 7P
   AXIAL TYPE LED LAMPS
LVG9253-1M LIGITEK-LVG9253-1M Datasheet
119Kb / 7P
   AXIAL TYPE LED LAMPS
LDBK9253-1 LIGITEK-LDBK9253-1 Datasheet
123Kb / 7P
   AXIAL TYPE LED LAMPS
LUG9253-1M LIGITEK-LUG9253-1M Datasheet
70Kb / 5P
   AXIAL TYPE LED LAMPS
LVG9253-1 LIGITEK-LVG9253-1 Datasheet
222Kb / 7P
   AXIAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com